Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC100HG Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # OC100HG
Description  Opto Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

OC100HG Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  OC100HG Datasheet HTML 1Page - Voltage Multipliers Inc. OC100HG Datasheet HTML 2Page - Voltage Multipliers Inc. OC100HG Datasheet HTML 3Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
Opto Coupler
OC100HG
LED
• Forward Voltage (If = 20 mA)
1.5 V
• Reverse Leakage Current
100 nA
VR = 5 V
Photodiode
• Foward Voltage (If = 0.6 A)
12.0 V MAX
• Reverse Leakage Current
VR = 10 kV, I
LED = 0 mA
250 nA Typical
VR = 10 kV, I
LED = 50 mA
230 µA Typical
Coupled
• DC Current Transfer Ratio
0.38% MIN / 0.60% MAX
• T
ON
2 µs
• T
OFF
2 µs
(25°C UNLESS OTHERWISE NOTED)
LED
• Forward DC Current
100 mA
• Surge Current
500 mA
• Reverse Voltage
5 V
• Power Dissipation (25°C)
190 mW
Photodiode
• Reverse Voltage
10,000 V
• Power Dissipation
1.0 W
_____________________________________________________
• Storage Temperature
-40°C to +100°C
• Operating Temperature
-40°C to +70°C
• Isolation Test Voltage
25 kV (From Pins 1, 2, 3
& 4 to Pins 5 & 6)
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
• High Current Gain
• High Isolation Voltage
• RoHS Compliant


Similar Part No. - OC100HG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
170Kb / 2P
   Optocoupler ??Axial Leaded ??Epoxy Molded
More results

Similar Description - OC100HG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC250 ETC1-OC250 Datasheet
196Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
   Opto Coupler
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
   Opto Coupler
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
122Kb / 2P
   Opto Coupler
logo
Linear Technology
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
logo
Voltage Multipliers Inc...
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
   Opto Coupler ??Epoxy Molded
logo
Linear Technology
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
   Secondary-Side Opto-Coupler Driver
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
   Built-in high CMR opto-coupler
logo
Linear Technology
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
   Isolated Flyback Converter without an Opto-Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com