Electronic Components Datasheet Search |
|
VBNG38APG1815SNT108 Datasheet(PDF) 9 Page - ITT Industries |
|
VBNG38APG1815SNT108 Datasheet(HTML) 9 Page - ITT Industries |
9 / 45 page VEAM VBN 9 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change L L L L L L L Plug connector classes SIZE 16S 18 20 22 24 28 32 36 40 L max. 80 100 100 100 105 105 115 125 125 VBN6A Straight backshell without accessories VBN6R Same as “A” but includes a wire sealing grommet SIZE 16S 18 20 22 24 28 32 36 40 L max. 55 65 70 70 70 75 75 80 80 VBN6RV Short backshell, includes a wire sealing grommet SIZE 16S 18 20 22 24 28 32 36 40 L max. 105 125 130 145 155 160 170 185 200 VBN6SS Straight backshell with shielding system VBN6RSS Same as “SS” but includes a wire sealing grommet SIZE 16S 18 20 22 24 28 32 36 40 L max. 80 100 100 100 105 105 115 125 125 ØA PG9 PG16 PG16 PG16 PG21 PG21 PG36 PG36 PG42 VBN6APG Straight backshell with PC thread and without accessories VBN6RPG Same as “APG” but includes a wire sealing grommet SIZE 16S 18 20 22 24 28 32 36 40 L max. 80 100 100 100 105 105 115 125 125 ØA M16 M25 M25 M25 M32 M32 M40 M40 M63 VBN6AM Straight backshell with metric thread and without accessories VBN6RM Same as “AM” but includes a wire sealing grommet SIZE 16S 18 20 22 24 28 32 36 40 L max. 110 135 135 135 140 140 160 175 175 ØA 8-13.5 9.6-15.8 11.3-19 11.3-19 15.5-23.8 15.5-23.8 23.4-31.7 23.4-35 29.9-41.2 VBN6CF Straight backshell with “C” style cable clamp VBN6CFZ Same as “CF” but includes a wire sealing grommet SIZE 16S 18 20 22 24 28 32 36 40 L max. 105 125 125 125 130 130 145 155 167 ØA 11.0 14.2 15.8 15.8 19 19 23.8 31.7 34.9 VBN6AF Straight backshell with “A” style clamp VBN6F Same as “AF” but includes a wire sealing grommet Due to the various available options, the above dimensions could vary. Please consult factory. |
Similar Part No. - VBNG38APG1815SNT108 |
|
Similar Description - VBNG38APG1815SNT108 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |