Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBN2SS1815SNT108 Datasheet(PDF) 4 Page - ITT Industries

Part # VBN2SS1815SNT108
Description  Veam VBN Connectors
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VBN2SS1815SNT108 Datasheet(HTML) 4 Page - ITT Industries

  VBN2SS1815SNT108 Datasheet HTML 1Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 2Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 3Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 4Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 5Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 6Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 7Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 8Page - ITT Industries VBN2SS1815SNT108 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
VEAM VBN
4
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
General Specifications
Material Construction
Shells & Coupling Ring
Aluminum alloy
Finish
Cadmium free plating, conductive and non-conductive
Insulator
Thermoplastic, UL94-V0 meets NF F 16-101 / 16-102 standards
Insulator Retaining Ring
Copper alloy
Interfacial Seal & Grommet
Fire resistant silicone rubber
Contacts
Copper alloy with gold or silver plating
Electrical Performance
Insulation Resistance
≥5000 MΩ
Withstanding Voltage
3250 VAC RMS in mated condition
Contact Current Rating
Contact Size
Max Rated Current
Rated at 85˚C*
AWG
at 20˚C*
16
22A
13A
12
41A
23A
8
73A
46A
* single contact in isolation
Environmental Performance
Operating Temperature
-40˚C to +100˚C per NF F 61-030
-40˚C to +125˚C (consult factory)
Flame Retardant Rating
UL94-V0 per NF F 16-101/16-102
Corrosion Resistance
96 hours per NF F 61-030 and VG95234
500 hours (consult factory)
Water Protection
IP67 in a mated condition when used with wire sealing grommet
and sealing type backshell
Fluid Resistance
Gas, oil, mineral oil, acid bath per NF F 61-030
Mechanical Performance
Durability
2000 mating cycles maximum
Bayonet Coupling Torque
Per VG95234
Shock
Acceleration = 50g
Duration = 11 ms per NF F 61-030 (NF C 20-727, NF C 93-400)
Vibration
Acceleration = 2g (NF F 60-002 / NF C 93-400) 20g (VG95234)
Sinususoidal vibration = 10 / ±100 Hz
Contact Retention
16 contact size = 70 N minimum
12 contact size = 90 N minimum
8 contact size = 110 N minimum


Similar Part No. - VBN2SS1815SNT108

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBNC1303 VBSEMI-VBNC1303 Datasheet
596Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Festo Corporation.
VBNF-LBA-G14-Q8 FESTO-VBNF-LBA-G14-Q8 Datasheet
104Kb / 1P
   Non return valve
4/11/22
VBNF-LBA-G18-Q6 FESTO-VBNF-LBA-G18-Q6 Datasheet
104Kb / 1P
   Non return valve
4/11/22
More results

Similar Description - VBN2SS1815SNT108

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
108005 ADELS-108005 Datasheet
118Kb / 2P
   Screwless Connectors Block Connectors
06/01/2020
108307 ADELS-108307 Datasheet
117Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
logo
List of Unclassifed Man...
HDRA-E68MA1 ETC2-HDRA-E68MA1 Datasheet
84Kb / 2P
   CONNECTORS
logo
Precid-Dip Durtal SA
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-018-30-507101 PREDIP-802-10-018-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
811-SS-008-30-006101 PREDIP-811-SS-008-30-006101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com