Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N551DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N551DR2G
Description  3.3 V / 5.0 V Ultra-Low Skew 1:4 Clock Fanout Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N551DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N551DR2G Datasheet HTML 1Page - ON Semiconductor NB3N551DR2G Datasheet HTML 2Page - ON Semiconductor NB3N551DR2G Datasheet HTML 3Page - ON Semiconductor NB3N551DR2G Datasheet HTML 4Page - ON Semiconductor NB3N551DR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NB3N551
http://onsemi.com
4
PACKAGE DIMENSIONS
SOIC−8 NB
CASE 751−07
ISSUE AG
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NB3N551DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N551DR2G ONSEMI-NB3N551DR2G Datasheet
134Kb / 7P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
July, 2012 ??Rev. 4
More results

Similar Description - NB3N551DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
NB3N551 ONSEMI-NB3N551_12 Datasheet
134Kb / 7P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
July, 2012 ??Rev. 4
SB3N551 ONSEMI-SB3N551 Datasheet
81Kb / 6P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
January, 2015 ??Rev. 0
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
   3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Texas Instruments
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com