Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N3001DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N3001DTR2G
Description  3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3001DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N3001DTR2G Datasheet HTML 1Page - ON Semiconductor NB3N3001DTR2G Datasheet HTML 2Page - ON Semiconductor NB3N3001DTR2G Datasheet HTML 3Page - ON Semiconductor NB3N3001DTR2G Datasheet HTML 4Page - ON Semiconductor NB3N3001DTR2G Datasheet HTML 5Page - ON Semiconductor NB3N3001DTR2G Datasheet HTML 6Page - ON Semiconductor NB3N3001DTR2G Datasheet HTML 7Page - ON Semiconductor NB3N3001DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NB3N3001
http://onsemi.com
4
Table 10. AC CHARACTERISTICS, (VCC = 3.3 V ±5%, TA = −40°C to 85°C (Note 4))
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOUT
Output Frequency
24 MHz − 30 MHz Crystal
(Typ. 25 MHz − 26.5625 MHz)
106.25/
212.5
MHz
tjit(∅)
RMS Phase Jitter (Random)
(Note 3)
106.25 MHz; Integration Range:
637 kHz −10 MHz
0.3
ps
212.5 MHz; Integration Range:
637 kHz −10 MHz
0.3
tR/tF
Output Rise/Fall Time
20% to 80% (See Figure 7)
275
600
ps
odc
Output Duty Cycle
(See Figure 6)
48
52
%
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Please refer to the Phase Noise Plot.
4. Output terminated with 50
W to VCC− 2.0 V. See Figures 4 and 12.
Figure 3. Typical Phase Noise at 106.25 MHz
OFFSET FREQUENCY (Hz)


Similar Part No. - NB3N3001DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002 Datasheet
128Kb / 7P
   3.3V, Crystal-to-HCSL Clock Generator
June, 2010 ??Rev. 2
NB3N3002 ONSEMI-NB3N3002 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
NB3N3002 ONSEMI-NB3N3002 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002DTG ONSEMI-NB3N3002DTG Datasheet
128Kb / 7P
   3.3V, Crystal-to-HCSL Clock Generator
June, 2010 ??Rev. 2
NB3N3002DTG ONSEMI-NB3N3002DTG Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
More results

Similar Description - NB3N3001DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
NBXDBA012 ONSEMI-NBXDBA012_09 Datasheet
185Kb / 6P
   3.3 V, 106.25 MHz / 212.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 5
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXHGA053 ONSEMI-NBXHGA053 Datasheet
115Kb / 6P
   2.5/3.3 V, 50.00 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
NB3N15552MNG ONSEMI-NB3N15552MNG Datasheet
143Kb / 6P
   3.3V PureEdge VCXO Clock Generator with Differential LVPECL Outputs
April, 2012 ??Rev. 0
NB3N508S ONSEMI-NB3N508S_06 Datasheet
257Kb / 8P
   3.3V, 216 MHz PureEdge VCXO Clock Generator with M?묹VDS Output
October, 2006 ??Rev. 0
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com