Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X50FF3 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # X50FF3
Description  Spice Model
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X50FF3 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  X50FF3 Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
θ L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5
)
2
(
C
°
0
0
1
C
°
5
2
C
°
0
0
1
C
°
5
2
C
°
5
2
C
°
5
2
C
°
5
2
0
0
0
.
=
L
5
2
1
.
=
L
0
5
2
.
=
L
C
°
5
2
s
t
l
o
V
s
p
m
A
m
s
p
m
A
m
A
µ
A
µ
s
t
l
o
V
A
m
s
p
m
A
s
p
m
A
s
n
W
/
C
°
W
/
C
°
W
/
C
°
F
p
3
F
F
0
5
X
0
0
0
50
5
15
70
.
10
25
.
2
10
5
10
.
0
12
.
10
35
2
15
.
1
23
Voltage Multipliers, Inc.
Tel
(559) 651-1402
8711 W. Roosevelt Ave.
Fax
(559) 651-0740
Visalia, CA 93291
www.voltagemultipliers.com
Spice Model
X50FF3
Electrical Characteristics and Maximum Ratings
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
.170(4.3)
MAX.
1.30(33.02)
1.00(25.4)
.030 ±.003
(.77 ±.08)
.350(8.89)
MAX.
e
m
a
N
r
e
t
e
m
a
r
a
P
e
u
l
a
V
s
t
i
n
U
S
I
t
n
e
r
r
u
c
e
g
a
k
a
e
l
e
s
r
e
v
e
R
7
0
-
E
0
5
.
2s
p
m
A
N
t
n
e
i
c
i
f
f
e
o
c
n
o
i
s
s
i
m
E
8
3
T
e
r
u
t
a
r
e
p
m
e
T
5
2C
S
R
e
c
n
a
t
s
i
s
e
r
s
e
i
r
e
s
e
d
o
i
D
2
.
2m
h
O
T
T
e
m
i
t
t
i
s
n
a
r
T
0
3S
n
0
J
C
n
o
i
t
c
n
u
j
s
a
i
b
-
o
r
e
Z
e
c
n
a
t
i
c
a
p
a
c
0
1
.
3F
p
J
V
l
a
i
t
n
e
t
o
p
n
o
i
t
c
n
u
j
k
l
u
B
6
6
.
8s
t
l
o
V
M
t
n
e
i
c
i
f
f
e
o
c
g
n
i
d
a
r
G
5
.
0
G
E
p
a
g
d
n
a
b
-
y
g
r
e
n
E
1
1
.
1s
t
l
o
V
I
T
X
t
n
e
i
c
i
f
f
e
o
c
e
r
u
t
a
r
e
p
m
e
T
3
F
K
t
n
e
i
c
i
f
f
e
o
c
e
s
i
o
n
-
r
e
k
c
il
F
0
F
A
t
n
e
n
o
p
x
e
e
s
i
o
n
-
r
e
k
c
il
F
1
C
F
e
c
n
a
t
i
c
a
p
a
c
r
o
f
t
n
e
i
c
i
f
f
e
o
C
5
.
0
V
B
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
d
o
i
D
0
0
0
6s
t
l
o
V
V
B
I
t
n
e
r
r
u
c
n
w
o
d
k
a
e
r
b
e
d
o
i
D
0
0
1s
p
m
A
u


Similar Part No. - X50FF3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X50FF3 ETC-X50FF3 Datasheet
94Kb / 2P
   2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
logo
Voltage Multipliers Inc...
X50FF3 VMI-X50FF3 Datasheet
100Kb / 2P
   High Voltage Diodes - Axial Lead 50mA - 420mA ??30ns - 50ns ??Hermetic
logo
New Jersey Semi-Conduct...
X50FF3 NJSEMI-X50FF3 Datasheet
85Kb / 1P
   2,000 V -15,000 V Rectifiers
logo
Voltage Multipliers Inc...
X50FF3L VMI-X50FF3L Datasheet
71Kb / 1P
   High Voltage Rectifiers - Surface Mount
X50FF3L VMI-X50FF3L Datasheet
54Kb / 2P
   2,000 V - 5,000 V Rectifiers 0.15 A - 0.42 A Forward Current 30 ns - 50 ns Recovery Time
More results

Similar Description - X50FF3

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
Z50FF5 VMI-Z50FF5 Datasheet
39Kb / 1P
   Spice Model
Z100UF VMI-Z100UF Datasheet
28Kb / 1P
   Spice Model
M160FF3 VMI-M160FF3 Datasheet
125Kb / 1P
   Spice Model
M160SG VMI-M160SG Datasheet
124Kb / 1P
   Spice Model
M160UFG VMI-M160UFG Datasheet
125Kb / 1P
   Spice Model
1N6521 VMI-1N6521 Datasheet
132Kb / 1P
   Spice Model
1N6535 VMI-1N6535 Datasheet
45Kb / 1P
   Spice Model
FP100F VMI-FP100F Datasheet
40Kb / 1P
   Spice Model
Z100FF3 VMI-Z100FF3 Datasheet
39Kb / 1P
   Spice Model
X10FF3 VMI-X10FF3 Datasheet
35Kb / 1P
   Spice Model
1N6525 VMI-1N6525 Datasheet
46Kb / 1P
   Spice Model
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com