Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2818 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2818
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2818 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2818 Datasheet HTML 3Page - Analog Devices ADN2818 Datasheet HTML 4Page - Analog Devices ADN2818 Datasheet HTML 5Page - Analog Devices ADN2818 Datasheet HTML 6Page - Analog Devices ADN2818 Datasheet HTML 7Page - Analog Devices ADN2818 Datasheet HTML 8Page - Analog Devices ADN2818 Datasheet HTML 9Page - Analog Devices ADN2818 Datasheet HTML 10Page - Analog Devices ADN2818 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Preliminary Technical Data
ADN2817/ADN2818
Rev.Pr A | Page 7 of 35
ABSOLUTE MAXIMUM RATINGS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47
μF, SLICEP = SLICEN = VEE, unless otherwise noted.
Table 4.
Parameter
Rating
Supply Voltage (VCC)
4.2 V
Minimum Input Voltage (All Inputs)
VEE − 0.4 V
Maximum Input Voltage (All Inputs)
VCC + 0.4 V
Maximum Junction Temperature
125°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering 10 s)
300°C
Stress above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
32-LFCSP, 4-layer board with exposed paddle soldered to VEE
θJA = 28°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADN2818

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL7 AD-ADN2818ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Similar Description - ADN2818

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com