Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4N527SMNR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB4N527SMNR2
Description  3.3V, 2.5Gb/s Dual AnyLevel??to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N527SMNR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NB4N527SMNR2 Datasheet HTML 1Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 2Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 3Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 4Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 5Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 6Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 7Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 8Page - ON Semiconductor NB4N527SMNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB4N527S
http://onsemi.com
4
Table 4. DC CHARACTERISTICS, CLOCK INPUTS, LVDS OUTPUTS VCC = 3.0 V to 3.6 V, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
ICC
Power Supply Current (Note 8)
40
53
mA
DIFFERENTIAL INPUTS DRIVEN SINGLE−ENDED (Figures 11, 12, 16, and 18)
Vth
Input Threshold Reference Voltage Range (Note 7)
GND +100
VCC − 100
mV
VIH
Single−ended Input HIGH Voltage
Vth + 100
VCC
mV
VIL
Single−ended Input LOW Voltage
GND
Vth − 100
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 7, 8, 9, 10, 17, and 19)
VIHD
Differential Input HIGH Voltage
100
VCC
mV
VILD
Differential Input LOW Voltage
GND
VCC − 100
mV
VCMR
Input Common Mode Range (Differential Configuration)
GND + 50
VCC − 50
mV
VID
Differential Input Voltage (VIHD − VILD)
100
VCC
mV
RTIN
Internal Input Termination Resistor
40
50
60
W
LVDS OUTPUTS (Note 4)
VOD
Differential Output Voltage
250
450
mV
DVOD
Change in Magnitude of VOD for Complementary Output States (Note 9)
0
1
25
mV
VOS
Offset Voltage (Figure 15)
1125
1375
mV
DVOS
Change in Magnitude of VOS for Complementary Output States (Note 9)
0
1
25
mV
VOH
Output HIGH Voltage (Note 5)
1425
1600
mV
VOL
Output LOW Voltage (Note 6)
900
1075
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. LVDS outputs require 100
W receiver termination resistor between differential pair. See Figure 14.
5. VOHmax = VOSmax + ½ VODmax.
6. VOLmax = VOSmin − ½ VODmax.
7. Vth is applied to the complementary input when operating in single−ended mode.
8. Input termination pins open, Dx/Dx at the DC level within VCMR and output pins loaded with RL = 100 W across differential.
9. Parameter guaranteed by design verification not tested in production.


Similar Part No. - NB4N527SMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
More results

Similar Description - NB4N527SMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N855S ONSEMI-NB4N855S_06 Datasheet
187Kb / 9P
   3.3 V, 1.5 Gb/s Dual AnyLevel TM to LVDS Receiver/Driver/Buffer/ Translator
April, 2006 ??Rev. 2
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NB4N316M ONSEMI-NB4N316M Datasheet
206Kb / 12P
   3.3 V AnyLevel Receiver to CML Driver/Translator with Input Hysteresis
November, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
logo
ON Semiconductor
NB7L216 ONSEMI-NB7L216 Datasheet
264Kb / 12P
   2.5V/3.3V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2006 ??Rev. 2
NB6L11SMNGEVB ONSEMI-NB6L11SMNGEVB Datasheet
231Kb / 11P
   2.5 V 1:2 AnyLevel Input to LVDS Fanout Buffer / Translator
November, 2014 ??Rev. 9
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com