Electronic Components Datasheet Search |
|
NB6L11M Datasheet(PDF) 5 Page - ON Semiconductor |
|
NB6L11M Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 9 page NB6L11M http://onsemi.com 5 Table 5. AC CHARACTERISTICS VCC = 2.375 V to 3.63 V, VEE = 0 V, or VCC = 0 V, VEE = −2.375 V to −3.63 V, TA = −40°C to +85°C; (Note 10) Symbol Characteristic Min Typ Max Unit VOUTPP Output Voltage Amplitude (@ VINPP(MIN) fin ≤ 3.0GHz (Note 15) (See Figure 9) fin ≤ 3.5 GHz fin ≤ 4.0 GHz 230 190 150 380 320 270 mV tPD Propagation Delay D to Q 175 225 325 ps tSKEW Duty Cycle Skew (Note 11) Within Device Skew Device to Device Skew (Note 12) 5.0 3.0 15 15 80 ps tDC Output Clock Duty Cycle (Reference Duty Cycle = 50%) fin ≤ 4.0GHz 40 50 60 % tJITTER RMS Random Clock Jitter (Note 13) fin ≤ 4GHz Peak−to−Peak Data Dependent Jitter (Note 14) fin ≤ 4Gb/s 0.2 40 0.5 ps VINPP Input Voltage Swing/Sensitivity (Differential Configuration) (Note 15) 150 2800 mV tr tf Output Rise/Fall Times @ 0.5 GHz Q, Q (20% − 80%) 70 120 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 10.Measured by forcing VINPP (MIN) from a 50% duty cycle clock source. All loading with an external RL = 50 W to VCC. Input edge rates 40 ps (20% − 80%). 11. Duty cycle skew is measured between differential outputs using the deviations of the sum of Tpw− and Tpw+ @ 0.5GHz. 12.Device to device skew is measured between outputs under identical transition @ 0.5 GHz. 13.Additive RMS jitter with 50% duty cycle clock signal. 14.Additive peak−to−peak data dependent jitter with input NRZ data at PRBS23. 15.Input and output voltage swing is a single−ended measurement operating in differential mode. |
Similar Part No. - NB6L11M |
|
Similar Description - NB6L11M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |