Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L611MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB6L611MNR2G
Description  2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L611MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NB6L611MNR2G Datasheet HTML 1Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 2Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 3Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 4Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 5Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 6Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 7Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 8Page - ON Semiconductor NB6L611MNR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 0
1
Publication Order Number:
NB6L611/D
NB6L611
2.5V / 3.3V 1:2 Differential
LVPECL Clock / Data Fanout
Buffer
Multi−Level Inputs with Internal Termination
Description
The NB6L611 is a differential 1:2 fanout buffer. The differential
inputs incorporate internal 50
W termination resistors that are accessed
through the VTD pins and will accept LVPECL, CML, LVDS,
LVCMOS or LVTTL logic levels.
The VREFAC pin is an internally generated voltage supply available
to this device only. VREFAC is used as a reference voltage for
single−ended PECL or NECL inputs. For all single−ended input
conditions, the unused complementary differential input is connected
to VREFAC as a switching reference voltage. VREFAC may also rebias
capacitor−coupled inputs. When used, decouple VREFAC with a
0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA.
When not used, VREFAC output should be left open.
The device is housed in a small 3x3 mm 16 pin QFN package.
The NB6L611 is a member of the ECLinPS MAX
™ family of high
performance clock products.
Features
Maximum Input Clock Frequency > 4.0 GHz, Typical
280 ps Typical Propagation Delay
100 ps Typical Rise and Fall Times
0.5 ps maximum RMS Clock Jitter
Differential LVPECL Outputs, 780 mV Amplitude, typical
LVPECL Operating Range: VCC = 2.375 V to 3.63 V with VEE = 0 V
NECL Operating Range: VCC = 0 V with VEE = −2.375 V to −3.63 V
Internal Input Termination Resistors, 50 W
VREFAC Reference Output Voltage
Functionally Compatible with Existing 2.5 V / 3.3 V LVEL, LVEP,
EP, and SG Devices
−40°C to +85°C Ambient Operating Temperature
These are Pb−Free Devices
MARKING
DIAGRAM*
http://onsemi.com
QFN−16
MN SUFFIX
CASE 485G
NB6L
611
ALYWG
G
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
16
1
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
Figure 1. Simplified Logic Diagram
Q0
Q0
Q1
Q1
D
D
VTD
VTD


Similar Part No. - NB6L611MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L11 ONSEMI-NB6L11 Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB6L11 ONSEMI-NB6L11 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB6L11D ONSEMI-NB6L11D Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Similar Description - NB6L611MNR2G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S9252I IDT-ICS853S9252I Datasheet
402Kb / 21P
   2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
logo
Renesas Technology Corp
ICS853S9252I RENESAS-ICS853S9252I Datasheet
695Kb / 22P
   2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
JUNE 14, 2017
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
logo
ON Semiconductor
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com