Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB2669A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB2669A
Description  Low Power, Reduced EMI Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2669A Datasheet(HTML) 6 Page - ON Semiconductor

  NB2669A Datasheet HTML 1Page - ON Semiconductor NB2669A Datasheet HTML 2Page - ON Semiconductor NB2669A Datasheet HTML 3Page - ON Semiconductor NB2669A Datasheet HTML 4Page - ON Semiconductor NB2669A Datasheet HTML 5Page - ON Semiconductor NB2669A Datasheet HTML 6Page - ON Semiconductor NB2669A Datasheet HTML 7Page - ON Semiconductor NB2669A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NB2669A
http://onsemi.com
6
Figure 4. Typical Crystal Oscillator Circuit
Crystal
C1 = 27 pF
C2 = 27 pF
R1 = 510 W
XIN
XOUT
Table 8. TYPICAL CRYSTAL SPECIFICATIONS
Fundamental AT Cut Parallel Resonant Crystal
Nominal Frequency
14.31818 MHz
Frequency Tolerance
±50 ppm or better at 25°C
Operating Temperature Range
−25°C to +85°C
Storage Temperature
−40°C to +85°C
Load Capacitance
18 pF
Shunt Capacitance
7 pF Maximum
ESR
25 W


Similar Part No. - NB2669A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NB20 AVX-NB20 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBB AVX-NB20K00103MBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBD AVX-NB20K00103MBD Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBE AVX-NB20K00103MBE Datasheet
200Kb / 5P
   NTC SMD Thermistors
More results

Similar Description - NB2669A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2769A ONSEMI-NB2769A Datasheet
63Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
August, 2005 ??Rev. 2
NB2872A ONSEMI-NB2872A Datasheet
106Kb / 6P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 2
NB2969A ONSEMI-NB2969A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2760A ONSEMI-NB2760A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2579A ONSEMI-NB2579A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2779A ONSEMI-NB2779A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2780A ONSEMI-NB2780A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2870A ONSEMI-NB2870A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2762A ONSEMI-NB2762A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 - Rev. 3
NB2869A ONSEMI-NB2869A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com