Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB2879ASNR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB2879ASNR2
Description  Low Power, Reduced EMI Clock Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2879ASNR2 Datasheet(HTML) 6 Page - ON Semiconductor

  NB2879ASNR2 Datasheet HTML 1Page - ON Semiconductor NB2879ASNR2 Datasheet HTML 2Page - ON Semiconductor NB2879ASNR2 Datasheet HTML 3Page - ON Semiconductor NB2879ASNR2 Datasheet HTML 4Page - ON Semiconductor NB2879ASNR2 Datasheet HTML 5Page - ON Semiconductor NB2879ASNR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NB2879A
http://onsemi.com
6
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE S
23
4
5
6
D
1
e
b
E
A1
A
0.05 (0.002)
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
c
L
0.95
0.037
1.9
0.075
0.95
0.037
mm
inches
SCALE 10:1
1.0
0.039
2.4
0.094
0.7
0.028
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.90
1.00
1.10
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.25
0.38
0.50
0.010
c
0.10
0.18
0.26
0.004
D
2.90
3.00
3.10
0.114
E
1.30
1.50
1.70
0.051
e
0.85
0.95
1.05
0.034
L
0.20
0.40
0.60
0.008
0.039
0.043
0.002
0.004
0.014
0.020
0.007
0.010
0.118
0.122
0.059
0.067
0.037
0.041
0.016
0.024
NOM
MAX
2.50
2.75
3.00
0.099
0.108
0.118
HE
10°
10°
q
q
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NB2879A/D
This product utilizes US Patent #6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, Dated 11−11−2003.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NB2879ASNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2870A ONSEMI-NB2870A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2870ASNR2 ONSEMI-NB2870ASNR2 Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2870ASNR2G ONSEMI-NB2870ASNR2G Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2872A ONSEMI-NB2872A Datasheet
106Kb / 6P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 2
NB2872ASNR2 ONSEMI-NB2872ASNR2 Datasheet
106Kb / 6P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 2
More results

Similar Description - NB2879ASNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2769A ONSEMI-NB2769A Datasheet
63Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
August, 2005 ??Rev. 2
NB2872A ONSEMI-NB2872A Datasheet
106Kb / 6P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 2
NB2969A ONSEMI-NB2969A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2760A ONSEMI-NB2760A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2579A ONSEMI-NB2579A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2779A ONSEMI-NB2779A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2780A ONSEMI-NB2780A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2870A ONSEMI-NB2870A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2762A ONSEMI-NB2762A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 - Rev. 3
NB2669A ONSEMI-NB2669A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
NB2869A ONSEMI-NB2869A Datasheet
116Kb / 8P
   Low Power, Reduced EMI Clock Synthesizer
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com