Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN4557 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCN4557
Description  1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN4557 Datasheet(HTML) 3 Page - ON Semiconductor

  NCN4557 Datasheet HTML 1Page - ON Semiconductor NCN4557 Datasheet HTML 2Page - ON Semiconductor NCN4557 Datasheet HTML 3Page - ON Semiconductor NCN4557 Datasheet HTML 4Page - ON Semiconductor NCN4557 Datasheet HTML 5Page - ON Semiconductor NCN4557 Datasheet HTML 6Page - ON Semiconductor NCN4557 Datasheet HTML 7Page - ON Semiconductor NCN4557 Datasheet HTML 8Page - ON Semiconductor NCN4557 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCN4557
http://onsemi.com
3
Figure 3. NCN4557 Block Diagram
LDO B > 50 mA
CRD_VCCB
CRD_CLKB
CRD_RSTB
CRD_I/OB
CLK
RST
I/O
VDD
VBAT
CRD_VCCA
CRD_CLKA
CRD_RSTA
CRD_I/OA
GROUND
GND
17
LDO A > 50 mA
7
6
5
4
3
CONTROL
LOGIC
MUX
SEQUENCING
2
8
14
15
16
1
1.8 V/3.0 V/Enable
1.8 V/3.0 V/Enable
CRD_VCCB
CRD_VCCB
14 k
VDD
18 k
9
10
CRD_VCCA
En
En
En
En
En
En
ENABLE
SEL0
SEL1
11
12
13
CRD_VCCA
14 k
DATA
DATA
DATA
DATA
I/O
I/O
I/O
I/O


Similar Part No. - NCN4557

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
NCN4555 ONSEMI-NCN4555 Datasheet
475Kb / 4P
   Smartcard Interface ICs
Rev.1, Oct-2006
NCN4555 ONSEMI-NCN4555 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN45557 ONSEMI-NCN45557 Datasheet
475Kb / 4P
   Smartcard Interface ICs
Rev.1, Oct-2006
NCN4555MN ONSEMI-NCN4555MN Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
More results

Similar Description - NCN4557

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com