Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1823-EVAL Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1823-EVAL
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823-EVAL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1823-EVAL Datasheet HTML 5Page - Analog Devices ADP1823-EVAL Datasheet HTML 6Page - Analog Devices ADP1823-EVAL Datasheet HTML 7Page - Analog Devices ADP1823-EVAL Datasheet HTML 8Page - Analog Devices ADP1823-EVAL Datasheet HTML 9Page - Analog Devices ADP1823-EVAL Datasheet HTML 10Page - Analog Devices ADP1823-EVAL Datasheet HTML 11Page - Analog Devices ADP1823-EVAL Datasheet HTML 12Page - Analog Devices ADP1823-EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP1823
Rev. A | Page 9 of 32
LOAD CURRENT (A)
TYPICAL PERFORMANCE CHARACTERISTICS
95
70
020
90
85
80
75
510
15
VIN = 5V
VIN = 20V
VIN = 15V
VIN = 12V
LOAD CURRENT (A)
Figure 4. Efficiency vs. Load Current, VOUT = 1.8 V, 300 kHz Switching
95
70
020
90
85
80
75
510
15
VOUT = 3.3V
VOUT = 1.8V
VOUT = 1.2V
LOAD CURRENT (A)
Figure 5. Efficiency vs. Load Current, VIN = 12 V, 300 kHz Switching
94
78
020
92
78
020
LOAD CURRENT (A)
SWITCHING FREQUENCY = 300kHz
92
90
88
86
84
82
80
510
15
SWITCHING FREQUENCY = 300kHz
SWITCHING FREQUENCY = 600kHz
Figure 6. Efficiency vs. Load Current, VIN = 5 V, VOUT = 1.8 V
90
88
86
84
82
80
SWITCHING FREQUENCY = 600kHz
510
15
4.980
4.960
–40
85
TEMPERATURE (°C)
Figure 7. Efficiency vs. Load Current, VIN = 12 V, VOUT = 1.8 V
4.975
4.970
4.965
–15
103560
4.970
4.950
520
INPUT VOLTAGE (V)
Figure 8. VREG Voltage vs. Temperature
4.968
4.966
4.964
4.962
4.960
4.958
4.956
4.954
4.952
8
111417
Figure 9. VREG vs. Input Voltage, 10 mA Load


Similar Part No. - ADP1823-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
More results

Similar Description - ADP1823-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
logo
Maxim Integrated Produc...
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com