Part Name
         Description
U6229B

 DC/DC Converter - Power Supply 28 V ( 8 Page)


TEMIC
100% 
Zoom Out Zoom In
   
 6 page
background image
U6229B
Rev. A1, 21-Apr-99
Preliminary Information
6 (8)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
VREF – regulator
Output voltage
IV11 = –1 mA to –14 mA
V10
4.88
5.12
V
Switch-off threshold
Undervoltage
Overvoltage
dV11off
dV11off
150
150
mV
mV
Switch-on threshold
Undervoltage
Overvoltage
dV11on
dV11on
50
50
mV
mV
Overvoltage protection
Threshold for overvoltage
detection
VBatt
26
28
V
Battery monitor
VBatt = 40 V
V14
21
23
26
V
NRES
Saturation voltage
I12 = 1.6 mA, NRES = low
V12
0.4
V
Reverse current
V12 = 5 V
Ir12
2
mA
20
123
4
U6229B
56
7
8
9
10
19
18
17
16
15
14
13
12
11
35.7 k
W
RSET
249
W
RK15
CVREF
2.2
mF
RM
BYG10
5 V
Reference
supply
SI9955DY
150
mH
LVB
150
mH
LVH
7 V
Step-down
converter
28.4 V
Step-up
converter
5 V
Logic
supply
CVA1
1000
mF
CVB
100
mF
1 nF
COS1
BYG 10
96 12285
V
Batt
CVH
33
mF
CVCC
15
mF
220
W
Figure 5. Application example
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LP6100P200-05HeNe Laser Power Supply 1 2 Voltage Multipliers Inc.
STLD40DWhite led power supply for large display backlight 1 2 3 4 5 MoreSTMicroelectronics
PTB48500Dual-Output 48-V Input Isolated DC/DC Converter for xDSL 1 2 3 4 5 MoreTexas Instruments
NCN45571.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter 1 2 3 4 5 MoreON Semiconductor
UC1861-1868Resonant-Mode Power Supply Controllers 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HVP050P5000High Voltage Power Supply - 250W Series 1 2 Voltage Multipliers Inc.
MRF7S19100NR1RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1 2 3 4 5 MoreFreescale Semiconductor, Inc
IRHM57Z60RADIATION HARDENED POWER MOSFET THRU-HOLE TO-254AA 1 2 3 4 5 MoreInternational Rectifier
ADCMP608Rail-to-Rail Fast Low Power 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices
NB2669ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl