Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2105-1.8-EVAL Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2105-1.8-EVAL
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2105-1.8-EVAL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2105-1.8-EVAL Datasheet HTML 7Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 8Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 9Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 10Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 11Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 12Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 13Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 14Page - Analog Devices ADP2105-1.8-EVAL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 11 of 32
CH1 50mV
6%
CH4 200mAΩ
CH3 2V
M 2µs
A CH3
3.88V
T
3
4
1
INDUCTOR CURRENT
OUTPUT VOLTAGE (AC-COUPLED)
LX NODE
(SWITCH NODE)
CH1 20mV
17.4%
CH4 1AΩ
CH3 2V
M 1µs
A CH3
3.88V
T
3
4
1
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
INDUCTOR CURRENT
Figure 28. PFM Mode of Operation at Very Light Load (10 mA)
Figure 31. PWM Mode of Operation at Medium/Heavy Load (1.5 A)
CH1 50mV
17.4%
CH4 200mAΩ
CH3 2V
M 400ns
A CH3
3.88V
T
3
4
1
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
INDUCTOR CURRENT
CH1 1V
45%
CH4 1AΩ
CH3 5V
M 4µs
A CH3
1.8V
T
3
4
1
INDUCTOR CURRENT
OUTPUT VOLTAGE
CHANNEL 3
FREQUENCY
= 336.6kHz
Δ: 2.86A
@: 2.86A
LX NODE (SWITCH NODE)
Figure 29. DCM Mode of Operation at Light Load (100 mA)
Figure 32. Current Limit Behavior of ADP2107 (Frequency Foldback)
CH1 20mV
13.4%
CH4 1AΩ
CH3 2V
M 2µs
A CH3
1.84V
T
3
4
1
LX NODE (SWITCH NODE)
OUTPUT VOLTAGE (AC-COUPLED)
INDUCTOR CURRENT
CH1 1V
20.2%
CH4 500mAΩ
CH3 5V
M 400µs
A CH1
1.84V
T
3
4
1
ENABLE VOLTAGE
INDUCTOR CURRENT
OUTPUT VOLTAGE
Figure 30. Minimum Off Time Control at Dropout
Figure 33. Startup and Shutdown Waveform (CSS = 1 nF
→ SS Time = 1 ms)


Similar Part No. - ADP2105-1.8-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2105 AD-ADP2105_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
More results

Similar Description - ADP2105-1.8-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2105 AD-ADP2105_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2106 AD-ADP2106_15 Datasheet
1,000Kb / 36P
   1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
logo
Murata Manufacturing Co...
OKI-78SR MURATA-OKI-78SR Datasheet
429Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
482Kb / 10P
   Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com