Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF539F Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-BF539F
Description  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF539F Datasheet(HTML) 4 Page - Analog Devices

  ADSP-BF539F Datasheet HTML 1Page - Analog Devices ADSP-BF539F Datasheet HTML 2Page - Analog Devices ADSP-BF539F Datasheet HTML 3Page - Analog Devices ADSP-BF539F Datasheet HTML 4Page - Analog Devices ADSP-BF539F Datasheet HTML 5Page - Analog Devices ADSP-BF539F Datasheet HTML 6Page - Analog Devices ADSP-BF539F Datasheet HTML 7Page - Analog Devices ADSP-BF539F Datasheet HTML 8Page - Analog Devices ADSP-BF539F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Rev. PrF
|
Page 4 of 68
|
September 2006
ADSP-BF539/ADSP-BF539F
Preliminary Technical Data
GENERAL DESCRIPTION
The ADSP-BF539/ADSP-BF539F processors are a members of
the Blackfin family of products, incorporating the Analog
Devices/Intel Micro Signal Architecture (MSA). Blackfin pro-
cessors combine a dual-MAC state-of-the-art signal processing
engine, the advantages of a clean, orthogonal RISC-like micro-
processor instruction set, and single-instruction, multiple-data
(SIMD) multimedia capabilities into a single instruction set
architecture.
The ADSP-BF539/ADSP-BF539F processors are completely
code compatible with other Blackfin processors, differing only
with respect to performance, peripherals, and on-chip memory.
Specific performance, peripherals, and memory configurations
are shown in Table 1 on Page 4.
By integrating a rich set of industry-leading system peripherals
and memory, Blackfin processors are the platform of choice for
next generation applications that require RISC-like program-
mability, multimedia support and leading edge signal
processing in one integrated package.
LOW POWER ARCHITECTURE
Blackfin processors provide world class power management and
performance. Blackfin processors are designed in a low power
and low voltage design methodology and feature Dynamic
Power Management, the ability to vary both the voltage and fre-
quency of operation to significantly lower overall power
consumption. Varying the voltage and frequency can result in a
substantial reduction in power consumption, compared with
just varying the frequency of operation. This translates into
longer battery life and lower heat dissipation.
SYSTEM INTEGRATION
The ADSP-BF539/ADSP-BF539F processor is a highly inte-
grated system-on-a-chip solution for the next generation of
industrial and automotive applications including audio and
video signal processing. By combining advanced memory con-
figurations, such as on-chip flash memory, with industry-
standard interfaces with a high performance signal processing
core, users can develop cost-effective solutions quickly without
the need for costly external components. The system peripherals
include a MOST
® Network Media Transceiver (MXVR), three
UART ports, three SPI ports, four serial ports (SPORT), one
CAN interface, two Two-Wire-Interfaces (TWI), four general
purpose timers (three with PWM capability), a real-time clock, a
watchdog timer, a Parallel Peripheral Interface, general purpose
I/O, and general purpose flag pins.
ADSP-BF539/ADSP-BF539F PROCESSOR
PERIPHERALS
The ADSP-BF539/ADSP-BF539F processor contains a rich set
of peripherals connected to the core via several high bandwidth
buses, providing flexibility in system configuration as well as
excellent overall system performance (see the block diagram
on Page 1). The general purpose peripherals include functions
such as UART, Timers with PWM (Pulse Width Modulation)
and pulse measurement capability, general purpose flag I/O
pins, a Real Time Clock, and a Watchdog Timer. This set of
functions satisfies a wide variety of typical system support needs
and is augmented by the system expansion capabilities of the
device. In addition to these general purpose peripherals, the
ADSP-BF539/ADSP-BF539F processor contains high speed
serial and parallel ports for interfacing to a variety of audio,
video, and modem codec functions. An MXVR transceiver
transmits and receives audio and video data and control infor-
mation on a MOST
® automotive multimedia network. A CAN
2.0B controller is provided for automotive control networks. An
interrupt controller manages interrupts from the on-chip
peripherals or external sources. And power management con-
trol functions tailor the performance and power characteristics
of the processor and system to many application scenarios.
All of the peripherals, except for general purpose I/O, CAN,
TWI, Real Time Clock, and timers, are supported by a flexible
DMA structure. There are also four separate memory DMA
controllers dedicated to data transfers between the processor's
various memory spaces, including external SDRAM and asyn-
chronous memory. Multiple on-chip buses running at up to
133 MHz provide enough bandwidth to keep the processor core
running along with activity on all of the on-chip and external
peripherals.
The ADSP-BF539/ADSP-BF539F processor includes an on-chip
voltage regulator in support of the ADSP-BF539/ADSP-BF539F
processor Dynamic Power Management capability. The voltage
Table 1. Processor Features
ADSP-BF539 ADSP-BF539F4 ADSP-BF539F8
Maximum
Performance
500 MHz
1000 MMACs
500 MHz
1000 MMACs
500 MHz
1000 MMACs
Instruction
SRAM/Cache
16K bytes
16K bytes
16K bytes
Instruction
SRAM
64K bytes
64K bytes
64K bytes
Data
SRAM/Cache
32K bytes
32K bytes
32K bytes
Data SRAM
32K bytes
32K bytes
32K bytes
Scratchpad
4K bytes
4K bytes
4K bytes
Flash
Not
applicable
256K x 16-bit
512K x 16-bit
SPORTs
4
4
4
SPI
3
3
3
TWI
2
2
2
UARTs
3
3
3
PPI
1
1
1
CAN
1
1
1
MXVR
1
1
1
Package option 316
316
316


Similar Part No. - ADSP-BF539F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539F AD-ADSP-BF539F_15 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
Rev. F
More results

Similar Description - ADSP-BF539F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com