Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT75ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADT75ARZ
Description  -1째C Accurate, 12-Bit Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75ARZ Datasheet(HTML) 1 Page - Analog Devices

  ADT75ARZ Datasheet HTML 1Page - Analog Devices ADT75ARZ Datasheet HTML 2Page - Analog Devices ADT75ARZ Datasheet HTML 3Page - Analog Devices ADT75ARZ Datasheet HTML 4Page - Analog Devices ADT75ARZ Datasheet HTML 5Page - Analog Devices ADT75ARZ Datasheet HTML 6Page - Analog Devices ADT75ARZ Datasheet HTML 7Page - Analog Devices ADT75ARZ Datasheet HTML 8Page - Analog Devices ADT75ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
±1°C Accurate, 12-Bit Digital
Temperature Sensor
ADT75
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
12-bit temperature-to-digital converter
B grade accuracy ±1.0°C from 0°C to 70°C
A grade accuracy ±2.0°C from –25°C to +100°C
SMBus/I2C-compatible interface
Operation from −55°C to +125°C
Operation from 3 V to 5.5 V
Overtemperature indicator
Shutdown mode for low power consumption
Power consumption 79 μW typically at 3.3 V
Small, low cost 8-pin MSOP in Pb-Sn and Pb-free packages
Standard 8-pin SOIC Pb-free package
APPLICATIONS
Isolated sensors
Environmental control systems
Computer thermal monitoring
Thermal protection
Industrial process control
Power-system monitors
Hand-held applications
PRODUCT HIGHLIGHTS
1.
On-chip temperature sensor allows an accurate
measurement of the ambient temperature. The measurable
temperature range is −55°C to +125°C.
2.
Supply voltage is 3.0 V to 5.5 V.
3.
Space-saving, 8-lead MSOP and 8-lead SOIC.
4.
Temperature accuracy is ±1°C maximum.
5.
Temperature resolution is 0.0625°C.
6.
Shutdown mode reduces the current consumption to
3 μA typical.
7.
Connect up to eight ADT75s to a single SMBus/I2C bus.
FUNCTIONAL BLOCK DIAGRAM
CLK AND
TIMING
GENERATION
3
8
1
LPF
Σ-Δ
DIGITAL
COMPARATOR
OS/ALERT
VDD
8
GND
SDA
SCL
A2
A1
A0
TEMPERATURE
SENSOR
TEMPERATURE
SENSOR
REGISTER
CONFIGURATION
REGISTER
THYST SETPOINT
REGISTER
TOS SETPOINT
REGISTER
POINTER
REGISTER
SMBus/I2C INTERFACE
1-BIT
12-BIT
DECIMATOR
1-BIT
DAC
REFERENCE
+
2
7
5
6
Figure 1.


Similar Part No. - ADT75ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT75ARZ AD-ADT75ARZ Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT75ARZ-REEL AD-ADT75ARZ-REEL Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT75ARZ-REEL7 AD-ADT75ARZ-REEL7 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
More results

Similar Description - ADT75ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
   -2 C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com