Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2208UP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2208UP
Description  16-Bit, 130Msps ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2208UP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2208UP Datasheet HTML 3Page - Linear Technology LTC2208UP Datasheet HTML 4Page - Linear Technology LTC2208UP Datasheet HTML 5Page - Linear Technology LTC2208UP Datasheet HTML 6Page - Linear Technology LTC2208UP Datasheet HTML 7Page - Linear Technology LTC2208UP Datasheet HTML 8Page - Linear Technology LTC2208UP Datasheet HTML 9Page - Linear Technology LTC2208UP Datasheet HTML 10Page - Linear Technology LTC2208UP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2208
7
2208fa
TI I G DIAGRA
tH
tD
tC
tL
N – 7
N – 6
N – 5
N – 4
N – 3
ANALOG
INPUT
ENC
ENC+
CLKOUT
CLKOUT+
D0-D15, OF
2208 TD01
tAP
N + 1
N + 2
N + 4
N + 3
N
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND, with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 130MHz, LVDS outputs, differential ENC
+/
ENC= 2VP-P sine wave with 1.6V common mode, input range = 2.25VP-P
with differential drive (PGA = 0), unless otherwise specified.
Note 5: Integral nonlinearity is defined as the deviation of a code from a “best
fit straight line” to the transfer curve. The deviation is measured from the
center of the quantization band.
Note 6: Offset error is the offset voltage measured from – 1/2LSB when the
output code flickers between 0000 0000 0000 0000 and 1111 1111 1111
1111 in 2’s complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
ELECTRICAL CHARACTERISTICS
LVDS Output Mode Timing
All Outputs are Differential and Have LVDS Levels


Similar Part No. - LTC2208UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2208UP-14 LINER-LTC2208UP-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
More results

Similar Description - LTC2208UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
   16-Bit, 130Msps ADC
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
LTC2208-14 LINER-LTC2208-14_15 Datasheet
718Kb / 28P
   14-Bit, 130Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Maxim Integrated Produc...
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
MAX19517 MAXIM-MAX19517 Datasheet
383Kb / 35P
   Dual-Channel, 10-Bit, 130Msps ADC
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com