Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848H Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848H
Description  PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848H Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83848H Datasheet HTML 1Page - National Semiconductor (TI) DP83848H Datasheet HTML 2Page - National Semiconductor (TI) DP83848H Datasheet HTML 3Page - National Semiconductor (TI) DP83848H Datasheet HTML 4Page - National Semiconductor (TI) DP83848H Datasheet HTML 5Page - National Semiconductor (TI) DP83848H Datasheet HTML 6Page - National Semiconductor (TI) DP83848H Datasheet HTML 7Page - National Semiconductor (TI) DP83848H Datasheet HTML 8Page - National Semiconductor (TI) DP83848H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
© 2006 National Semiconductor Corporation
www.national.com
DP83848H PHYTER
® Mini - Extreme Temperature
Single 10/100 Ethernet Transceiver
September 2006
Features
Low-power 3.3V, 0.18
µm CMOS technology
3.3V MAC Interface
Auto-MDIX for 10/100 Mb/s
Energy Detection Mode
MII Interface and MII serial management interface (MDC
and MDIO)
IEEE 802.3u Auto-Negotiation and Parallel Detection
IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
IEEE 802.3u PCS, 100BASE-TX transceivers and filters
Integrated ANSI X3.263 compliant TP-PMD physical sub-
layer with adaptive equalization and Baseline Wander
compensation
Error-free Operation up to 137 meters
ESD protection - 4KV Human body model
LED support for Link
Supports system clock from oscillator
Single register access for complete PHY status
10/100 Mb/s packet BIST (Built in Self Test)
40 pin LLP package (6mm) x (6mm) x (0.8mm)
Applications
Peripheral devices
Mobile devices
Factory and building automation
Basestations
General Description
The DP83848H PHYTER® Mini Extreme addresses the
high quality, high reliability and small form factor required
for rugged operation in space sensitive and thermally
demanding environments. This device is ideally suited for
industrial and motor control, building/factory automation,
automotive and test equipment applications.
The DP83848H is designed from ground up for extreme
temperature performance, with a thermally efficient pack-
age ensuring reliable operation over an operating range of
-40C to 125C. Rigorously tested at both low temperature
and high temperature extremes, the device is ideal for out-
door environments and demanding factory floor conditions.
The device offers performance beyond the IEEE specifica-
tions, with superior interoperability and industry leading
performance. The DP83848H offers Auto-MDIX to remove
cabling complications, superior ESD protection of greater
than 4KV HBM for greater reliability, and superior cable
length operation (greater than 137m) to provide a high
level of performance in all applications.
A number of system cost-reducing features have been
integrated that are not commonly found in other Ethernet
Physical
layer
products
(PHYs).
For
example,
the
DP83848H offers a 25MHz clock out that eliminates the
need and hence the space and cost, of an additional
Media Access Control (MAC) clock source component.
DP83848H is offered in a small 6mm x 6mm LLP 40-pin
package.
System Diagram
PHYTER® is a registered trademark of National Semiconductor Corporation.
Status
10BASE-T
or
100BASE-TX
MII
Typical Ethernet Application
Clock
LED
DP83848H
10/100 Ethernet
Transceiver
MPU/CPU
Source


Similar Part No. - DP83848H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H Datasheet
1,022Kb / 78P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
DP83848H NSC-DP83848H Datasheet
1Mb / 80P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848H TI1-DP83848H Datasheet
715Kb / 82P
[Old version datasheet]   DP83848H PHYTER Mini-Extreme Temperature Single 10/100 Ethernet Transceiver
DP83848H TI1-DP83848H Datasheet
2Mb / 84P
[Old version datasheet]   MII Serial Management Interface
DP83848HSQ TI1-DP83848HSQ Datasheet
715Kb / 82P
[Old version datasheet]   DP83848H PHYTER Mini-Extreme Temperature Single 10/100 Ethernet Transceiver
More results

Similar Description - DP83848H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H_08 Datasheet
1Mb / 80P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M_08 Datasheet
1Mb / 80P
   PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T_08 Datasheet
1Mb / 81P
   PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
DP83848H NSC-DP83848H_07 Datasheet
1,022Kb / 78P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848J NSC-DP83848J_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848K NSC-DP83848K_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J Datasheet
872Kb / 72P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J_07 Datasheet
1,015Kb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848YB NSC-DP83848YB_08 Datasheet
3Mb / 84P
   PHYTER짰 - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com