Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848H Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848H
Description  PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848H Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83848H Datasheet HTML 7Page - National Semiconductor (TI) DP83848H Datasheet HTML 8Page - National Semiconductor (TI) DP83848H Datasheet HTML 9Page - National Semiconductor (TI) DP83848H Datasheet HTML 10Page - National Semiconductor (TI) DP83848H Datasheet HTML 11Page - National Semiconductor (TI) DP83848H Datasheet HTML 12Page - National Semiconductor (TI) DP83848H Datasheet HTML 13Page - National Semiconductor (TI) DP83848H Datasheet HTML 14Page - National Semiconductor (TI) DP83848H Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
11
www.national.com
1.6 Strap Options
DP83848H uses many functional pins as strap options.
The values of these pins are sampled during reset and
used to strap the device into specific modes of operation.
The strap option pin assignments are defined below. The
functional pin name is indicated in parentheses.
A 2.2 k
Ω resistor should be used for pull-down or pull-up to
change the default strap option. If the default option is
required, then there is no need for external pull-up or pull
down resistors. Since these pins may have alternate func-
tions after reset is deasserted, they should not be con-
nected directly to VCC or GND.
Signal Name
Type
Pin #
Description
PHYAD0 (COL)
PHYAD1 (RXD_0)
PHYAD2 (RXD_1)
PHYAD3 (RXD_2)
PHYAD4 (RXD_3)
S, O, PU
S, O, PD
35
36
37
38
39
PHY ADDRESS [4:0]: The DP83848H provides five PHY ad-
dress pins, the state of which are latched into the PHYCTRL reg-
ister at system Hardware-Reset.
The DP83848H supports PHY Address strapping values 0
(<00000>) through 31 (<11111>). A PHY Address of 0 puts the
part into the MII Isolate Mode. The MII isolate mode must be se-
lected by strapping Phy Address 0; changing to Address 0 by reg-
ister write will not put the Phy in the MII isolate mode. Please refer
to section 2.3 for additional information.
PHYAD0 pin has weak internal pull-up resistor.
PHYAD[4:1] pins have weak internal pull-down resistors.
AN0 (LED_LINK)
S, O, PU
22
This input pin controls the advertised operating mode of the
DP83848H according to the following table. The value on this pin
is set by connecting it to GND (0) or VCC (1) through 2.2 kΩ resis-
tors. This pin should NEVER be connected directly to GND or
VCC.
The value set at this input is latched into the DP83848H at Hard-
ware-Reset.
The float/pull-down status of this pin is latched into the Basic
Mode Control Register and the Auto_Negotiation Advertisement
Register during Hardware-Reset.
The default is 1 since this pin has an internal pull-up.
LED_CFG (CRS)
S, O, PU
33
LED CONFIGURATION: This strapping option determines the
mode of operation of the LED pins. Default is Mode 1. Mode 1 and
Mode 2 can be controlled via the strap option. All modes are con-
figurable via register access.
SeeTable 3 for LED Mode Selection.
MDIX_EN (RX_ER)
S, O, PU
34
MDIX ENABLE: Default is to enable MDIX. This strapping option
disables Auto-MDIX. An external pull-down will disable Auto-
MDIX mode.
AN0
Advertised Mode
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex


Similar Part No. - DP83848H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H Datasheet
1,022Kb / 78P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
DP83848H NSC-DP83848H Datasheet
1Mb / 80P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848H TI1-DP83848H Datasheet
715Kb / 82P
[Old version datasheet]   DP83848H PHYTER Mini-Extreme Temperature Single 10/100 Ethernet Transceiver
DP83848H TI1-DP83848H Datasheet
2Mb / 84P
[Old version datasheet]   MII Serial Management Interface
DP83848HSQ TI1-DP83848HSQ Datasheet
715Kb / 82P
[Old version datasheet]   DP83848H PHYTER Mini-Extreme Temperature Single 10/100 Ethernet Transceiver
More results

Similar Description - DP83848H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H_08 Datasheet
1Mb / 80P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M_08 Datasheet
1Mb / 80P
   PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T_08 Datasheet
1Mb / 81P
   PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
DP83848H NSC-DP83848H_07 Datasheet
1,022Kb / 78P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848J NSC-DP83848J_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848K NSC-DP83848K_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J Datasheet
872Kb / 72P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J_07 Datasheet
1,015Kb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848YB NSC-DP83848YB_08 Datasheet
3Mb / 84P
   PHYTER짰 - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com