Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0056 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH0056
Description  HD/SD SDI Reclocker with 4:1 Input Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0056 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH0056 Datasheet HTML 5Page - National Semiconductor (TI) LMH0056 Datasheet HTML 6Page - National Semiconductor (TI) LMH0056 Datasheet HTML 7Page - National Semiconductor (TI) LMH0056 Datasheet HTML 8Page - National Semiconductor (TI) LMH0056 Datasheet HTML 9Page - National Semiconductor (TI) LMH0056 Datasheet HTML 10Page - National Semiconductor (TI) LMH0056 Datasheet HTML 11Page - National Semiconductor (TI) LMH0056 Datasheet HTML 12Page - National Semiconductor (TI) LMH0056 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Control Inputs and Indicator
Outputs (Continued)
SCO_EN
Input SCO_EN enables the SCO/SDO2 differential output to
function either as a serial data-rate clock or second serial
data output. SCO/SDO2 functions as a serial data-rate clock
when SCO_EN is high. This pin has an internal pull-down
device. The default state (low) enables the SCO/SDO2 out-
put as a second serial data output.
CRYSTAL OR EXTERNAL CLOCK REFERENCE
The LMH0056 uses a 27 MHz crystal or external clock signal
as a timing reference input. A 27 MHz parallel resonant
crystal and load network may be connected to the XTAL
IN/EXT CLK and XTAL OUT pins. Alternatively, a 27 MHz
LVCMOS compatible clock signal may be input to XTAL
IN/EXT CLK. Parameters for a suitable crystal are given in
Table 4.
TABLE 4. Crystal Parameters
Parameter
Value
Frequency
27 MHz
Frequency Stability
±100 ppm @ recommended
drive level
Operating Mode
Fundamental mode, Parallel
Resonant
Load Capacitance
20 pF
Shunt Capacitance
7 pF
Series Resistance
40
Ω max.
Recommended Drive Level
100 µW
Maximum Drive Level
500 µW
Operating Temperature
Range
−10˚C to +60˚C
www.national.com
11


Similar Part No. - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0056SQ NSC-LMH0056SQ Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056SQ/NOPB TI1-LMH0056SQ/NOPB Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
More results

Similar Description - LMH0056

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0036 TI1-LMH0036 Datasheet
783Kb / 19P
[Old version datasheet]   SD SDI Reclocker with 4:1 Input Multiplexer
logo
National Semiconductor ...
LMH0036 NSC-LMH0036 Datasheet
319Kb / 14P
   SD SDI Reclocker with 4:1 Input Multiplexer
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0356 TI1-LMH0356 Datasheet
1Mb / 28P
[Old version datasheet]   3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com