Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP400 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP400
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP400 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP400 Datasheet HTML 1Page - ON Semiconductor NCP400 Datasheet HTML 2Page - ON Semiconductor NCP400 Datasheet HTML 3Page - ON Semiconductor NCP400 Datasheet HTML 4Page - ON Semiconductor NCP400 Datasheet HTML 5Page - ON Semiconductor NCP400 Datasheet HTML 6Page - ON Semiconductor NCP400 Datasheet HTML 7Page - ON Semiconductor NCP400 Datasheet HTML 8Page - ON Semiconductor NCP400 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP400
http://onsemi.com
5
TYPICAL CHARACTERISTICS
TA, AMBIENT TEMPERATURE (°C)
VIN = 3.3 V
TA = 25°C
IOUT = 1 mA
CIN = 1 mF
Figure 3. Turn−ON Response
Upper Trace: Input Voltage 1 V/div
Lower Trace: Output Voltage 1 V/div
Upper Trace: Input voltage 2 V/div
Lower Trace: Output voltage 50 mV/div
Figure 4. Line Transient Response
IOUT = 150 mA to 1 mA,VIN = 3.3 V, CIN = 1 mF
Upper Trace: Output Voltage 200 mV/div
Lower Trace: Output Loading Current 100 mA/div
Figure 5. Load Transient Response
IOUT = 1 mA to 150 mA,VIN = 3.3 V,CIN = 1 µF
Upper Trace: Output Voltage 200 mV/div
Lower Trace: Output Loading Current 100 mA/div
Figure 6. Load Transient Response
1.785
1.790
1.795
1.800
1.805
1.810
1.815
−50
−25
0
25
50
75
100
Figure 7. Output Voltage vs. Temperature
VIN = 2.8 V
CIN = 1 mF
COUT = 1 mF
TA, AMBIENT TEMPERATURE (°C)
44
46
48
50
52
54
56
−50
−25
0
25
50
75
100
VIN = 2.8 V
CIN = 1 mF
COUT = 1 mF
Figure 8. Quiescent Current (Enable)
vs. Temperature


Similar Part No. - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP402045MNTWG ONSEMI-NCP402045MNTWG Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060AMNTXG ONSEMI-NCP4060AMNTXG Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results

Similar Description - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com