Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP400 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP400
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP400 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP400 Datasheet HTML 2Page - ON Semiconductor NCP400 Datasheet HTML 3Page - ON Semiconductor NCP400 Datasheet HTML 4Page - ON Semiconductor NCP400 Datasheet HTML 5Page - ON Semiconductor NCP400 Datasheet HTML 6Page - ON Semiconductor NCP400 Datasheet HTML 7Page - ON Semiconductor NCP400 Datasheet HTML 8Page - ON Semiconductor NCP400 Datasheet HTML 9Page - ON Semiconductor NCP400 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP400
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0.10
0.15
0.20
0.25
0.30
0.35
0.40
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
Figure 9. Quiescent Current (Shutdown)
vs. Temperature
VIN = 2.8 V
CIN = 1 mF
COUT = 1 mF
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
VIN = 2.8 V
CIN = 1 mF
COUT = 1 mF
Figure 10. Detector Threshold Voltage
vs. Temperature
2.24
2.26
2.28
2.30
2.32
2.34
2.36
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
Figure 11. Dectector Threshold Hysteresis Voltage
vs. Temperature
VIN = 2.8 V
CIN = 1 mF
COUT = 1 mF
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
VIN = 1.8 V
CIN = 1 mF
COUT = 1 mF
RESET = 0.5 V
Figure 12. RESET Pin N−Channel Sink Current
vs. Temperature
4
5
6
7
8
9
10
0.100
0.105
0.110
0.115
0.120
0.125
0.130
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
Figure 13. RESET Pin P−Channel Source Current
vs. Temperature
VIN = 2.8 V
CIN = 1 mF
COUT = 1 mF
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
VIN = 2.0 V
CIN = 1 mF
COUT = 1 mF
Figure 14. CD Delay Pin Threshold Voltage
vs. Temperature
0.94
0.95
0.96
0.97
0.98
0.99
1.00
3
4
5
6
7
8
9


Similar Part No. - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP402045 ONSEMI-NCP402045 Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP402045MNTWG ONSEMI-NCP402045MNTWG Datasheet
833Kb / 19P
   Integrated Driver and MOSFET
November, 2023 - Rev. 0
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060AMNTXG ONSEMI-NCP4060AMNTXG Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
More results

Similar Description - NCP400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com