Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP600SN150T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP600SN150T1G
Description  High Performance Low-Power, LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP600SN150T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP600SN150T1G Datasheet HTML 1Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 2Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 3Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 4Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 5Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 6Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 7Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 8Page - ON Semiconductor NCP600SN150T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP600
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Vin = 1.750 V, Vout = 1.250 V (adjustable version)), (Vin = Vout + 0.5 V (fixed version)),
Cin = Cout =1.0 mF, −40°C ≤ TJ ≤ 125°C, Figure 2, unless otherwise specified.) (Note 5)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
General
Ground Current
ISTBY
ENABLE = 0 V, Vin = 6 V
−40
°C ≤ TJ ≤ 85°C
0.01
1.0
mA
Ground Current
Adjustable Option
1.5 V Option
1.8 V Option
2.8 V Option
3.0 V Option
3.3 V Option
5.0 V Option
IGND
ENABLE = 0.9 V,
Iout = 1.0 mA to 150 mA
100
135
140
140
140
145
145
135
170
175
175
175
180
180
mA
Thermal Shutdown Temperature (Note 6)
TSD
150
175
200
°C
Thermal Shutdown Hysteresis
TSH
10
°C
ADJ Input Bias Current
IADJ
−0.75
0.75
mA
Chip Enable
ENABLE Input Threshold Voltage
Vth(EN)
V
Voltage Increasing, Logic High
0.9
Voltage Decreasing, Logic Low
0.4
Enable Input Bias Current (Note 6)
IEN
3.0
100
nA
Timing
Output Turn On Time
Adjustable Option
1.5 V Option
1.8 V Option
2.8 V Option
3.0 V Option
3.3 V Option
5.0 V Option
tEN
ENABLE = 0 V to Vin
15
15
15
15
15
15
30
25
25
25
25
25
25
50
ms
5. Designed to meet these characteristics over the stated voltage and temperature recommended operating ranges, though may not be 100%
parametrically tested in production.
6. Guaranteed by design.


Similar Part No. - NCP600SN150T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
More results

Similar Description - NCP600SN150T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560 Datasheet
178Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
May, 2008 ??Rev. 1
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com