Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5372 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5372
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 2 Page - Analog Devices

  AD5372 Datasheet HTML 1Page - Analog Devices AD5372 Datasheet HTML 2Page - Analog Devices AD5372 Datasheet HTML 3Page - Analog Devices AD5372 Datasheet HTML 4Page - Analog Devices AD5372 Datasheet HTML 5Page - Analog Devices AD5372 Datasheet HTML 6Page - Analog Devices AD5372 Datasheet HTML 7Page - Analog Devices AD5372 Datasheet HTML 8Page - Analog Devices AD5372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AD5372/AD5373
Preliminary Technical Data
Rev. P
rF| Page 2 of 25
TABLE OF CONTENTS
Specifications......................................................................................4
AC Characteristics.........................................................................5
Timing Characteristics .................................................................6
Absolute Maximum Ratings.............................................................8
ESD Caution...................................................................................8
Terminology .................................................................................... 11
Functional Description .................................................................. 12
DAC Architecture—General..................................................... 12
Channel Groups.......................................................................... 12
A/ B Reigsters And Gain/Offset Adjustment.......................... 13
Load DAC.................................................................................... 13
Offset DACs ................................................................................ 13
Output Amplifier........................................................................ 14
Transfer Function ....................................................................... 14
Reference Selection .................................................................... 14
Calibration................................................................................... 15
AD5372 Calibration Example................................................... 15
Reset Function ............................................................................ 16
Clear Function ............................................................................ 16
BUSY and LDAC Functions...................................................... 16
Power-Down Mode .................................................................... 16
Thermal Monitor Function....................................................... 16
Toggle Mode................................................................................ 17
Serial Interface ................................................................................ 18
SPI Write Mode........................................................................... 18
SPI Readback Mode ................................................................... 19
Register Update Rates ................................................................ 19
Channel Addressing And Special Modes ................................ 19
Special Function Mode .............................................................. 20
Power Supply Decoupling ......................................................... 22
Power Supply Sequencing ......................................................... 22
Interfacing Examples...................................................................... 23
Outline Dimensions ....................................................................... 24
Ordering Guide........................................................................... 24
REVISION HISTORY
Pr B1
Modified SPI timing diagrams
Added Reference Selection and Calibration text
Pr. B2
Added Reset Function text
Pr. B3
Added Power Down Mode text
Pr. B4
Added Terminology and Power Supply Sequencing sections
Pr D
Rewrote calibration section
Changed SPI read diagram
Pr F.
Changed LFCSP Vout8 and Vout9 positions


Similar Part No. - AD5372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
More results

Similar Description - AD5372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5732 MAXIM-MAX5732 Datasheet
451Kb / 26P
   32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Rev 4; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com