Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5384BBC-3REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5384BBC-3REEL7
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384BBC-3REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5384BBC-3REEL7 Datasheet HTML 1Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 2Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 3Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 4Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 5Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 6Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 7Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 8Page - Analog Devices AD5384BBC-3REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD5384
Rev. A | Page 5 of 36
Parameter
AD5384-51
Unit
Test Conditions/Comments
LOGIC OUTPUTS (BUSY, SDO)3
VOL, Output Low Voltage
0.4
V max
DVDD = 5 V ± 10%, sinking 200 µA
VOH, Output High Voltage
DVDD – 1
V min
DVDD = 5 V ± 10%, sourcing 200 µA
VOL, Output Low Voltage
0.4
V max
DVDD = 2.7 V to 3.6 V, sinking 200 µA
VOH, Output High Voltage
DVDD – 0.5
V min
DVDD = 2.7 V to 3.6 V, sourcing 200 µA
High Impedance Leakage Current
±1
µA max
SDO only
High Impedance Output Capacitance
5
pF typ
SDO only
LOGIC OUTPUT (SDA)3
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Three-State Leakage Current
±1
µA max
Three-State Output Capacitance
8
pF typ
POWER REQUIREMENTS
AVDD
4.5/5.5
V min/max
DVDD
2.7/5.5
V min/max
Power Supply Sensitivity3
∆Midscale/∆ΑVDD
–85
dB typ
AIDD
0.375
mA/channel max
Outputs unloaded, boost off; 0.25 mA/channel typ
0.475
mA/channel max
Outputs unloaded, boost on; 0.32 5mA/channel typ
DIDD
1
mA max
VIH = DVDD, VIL = DGND
AIDD (Power-Down)
2
µA max
Typically 200 nA
DIDD (Power-Down)
20
µA max
Typically 3 µA
Power Dissipation
80
mW max
Outputs unloaded, boost off, AVDD = DVDD = 5 V
1 AD5384-5 is calibrated using an external 2.5 V reference. Temperature range for all versions: –40°C to +85°C.
2 Accuracy guaranteed from VOUT = 10 mV to AVDD – 50 mV.
3 Guaranteed by characterization, not production tested.
4 Default on the AD5384-5 is 2.5 V. Programmable to 1.25 V via CR12 in the AD5384 control register; operating the AD5384-5 with a 1.25 V reference will lead to
degraded accuracy specifications.


Similar Part No. - AD5384BBC-3REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5384BBC-3REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381 AD-AD5381 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. A
AD5384 AD-AD5384_15 Datasheet
732Kb / 33P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
REV. C
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5390 AD-AD5390 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com