Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5602BKSZ-2REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5602BKSZ-2REEL7
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5602BKSZ-2REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5602BKSZ-2REEL7 Datasheet HTML 1Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 2Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 3Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 4Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5602BKSZ-2REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 3 of 24
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
A, B, W, Y Versions1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
DAC output unloaded
Resolution
Bits
AD5602
8
AD5612
10
AD5622
12
Relative Accuracy2
AD5602
±0.5
LSB
B, Y versions
AD5612
±0.5
LSB
B, Y versions
±4
LSB
A version
AD5622
±2
LSB
B, Y versions
±6
LSB
A, W versions
Differential Nonlinearity2
±1
LSB
Guaranteed monotonic by design
Zero Code Error
0.5
10
mV
All 0s loaded to DAC register
Offset Error
±0.063
±10
mV
Full-Scale Error
0.5
mV
All 1s loaded to DAC register
Gain Error
±0.0004
±0.037
% of FSR
Zero Code Error Drift
5
μV/°C
Gain Temperature Coefficient
2
ppm of FSR/°C
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
V
Output Voltage Settling Time
6
10
μs
Code ¼ to ¾
Slew Rate
0.5
V/μs
Capacitive Load Stability
470
pF
RL = ∞
1000
pF
RL = 2 kΩ
Output Noise Spectral Density
120
nV/Hz
DAC code = midscale, 10 kHz
Noise
2
DAC code = midscale, 0.1 Hz to 10 Hz
bandwidth
Digital-to-Analog Glitch Impulse
5
nV-s
1 LSB change around major carry
Digital Feedthrough
0.2
nV-s
DC Output Impedance
0.5
Ω
Short Circuit Current
15
mA
VDD = 3 V/5 V
LOGIC INPUTS (SDA, SCL)
IIN, Input Current
±1
μA
VINL, Input Low Voltage
0.3 × VDD
V
VINH, Input High Voltage
0.7 × VDD
V
CIN, Pin Capacitance
2
pF
VHYST, Input Hysteresis
0.1 × VDD
V
LOGIC OUTPUTS (OPEN DRAIN)
VOL, Output Low Voltage
0.4
V
ISINK = 3 mA
0.6
V
ISINK = 6 mA
Floating-State Leakage Current
±1
μA
Floating-State Output Capacitance
2
pF


Similar Part No. - AD5602BKSZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5601 AD-AD5601 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5601BCPZ-RL7 AD-AD5601BCPZ-RL7 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5601BCPZ-RL7 AD-AD5601BCPZ-RL7 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results

Similar Description - AD5602BKSZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com