Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1215ASNT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1215ASNT1G
Description  Low Cost Variable OFF Time Switched Mode Power Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1215ASNT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1215ASNT1G Datasheet HTML 1Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 2Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 3Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 4Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 5Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 6Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 7Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 8Page - ON Semiconductor NCP1215ASNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 2
1
Publication Order Number:
NCP1215A/D
NCP1215A
Low Cost Variable OFF
Time Switched Mode Power
Supply Controller
The NCP1215A is a controller for low power off−line flyback
Switched Mode Power Supplies (SMPS) featuring low size, weight
and cost constraints together with a good low standby power
performance. The operating principle uses switching frequency
reduction at light load by increasing the OFF Time. Also, when OFF
Time expands, the peak current is gradually reduced down to
approximately 1/4 of the maximum peak current to prevent from
exciting the transformer mechanical resonances. The risk of acoustic
noise is thus greatly diminished while keeping good standby power
performance.
A low power internal supply block also ensures very low current
consumption at startup without hampering the standby power
performance.
A special primary current sensing technique minimizes the impact
of SMPS switching on control IC operation. The choice of peak
voltage across the current sense resistor allows dissipation to be
further reduced. The negative current sensing technique offers
advantages over a traditional approach by avoiding the voltage drop
incurred by traditional MOSFET source sensing. Thus, the IC drive
capability is greatly improved.
Finally, the bulk input ripple ensures a natural frequency dithering
which smooths the EMI signature.
Features
Variable OFF Time Control Method
Very Low Current Consumption at Startup
Natural Frequency Dithering for Improved EMI Signature
Current Mode Control Operation
Peak Current Compression Reduces Transformer Noise
Programmable Current Sense Resistor Peak Voltage
Undervoltage Lockout
Pb−Free Packages are Available
Typical Applications
Auxiliary Power Supply
Standby Power Supply
AC−DC Adapter
Off−line Battery Charger
MARKING
DIAGRAM
FAC
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
1
8
SOIC−8
D SUFFIX
CASE 751
1215A
ALYW
G
1
8
1
6
TSOP−6
(SOT23−6, SC59−6)
SN SUFFIX
CASE 318G
1
6
18
5
3
4
(Top View)
FB
CS
NC
PIN CONNECTIONS
7
6
2
NC
CT
GND
Gate
VCC
SOIC−8
1
3
FB
CS
2
GND
CT
4
Gate
6
(Top View)
5
VCC
TSOP−6
FACAYW
G
G
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NCP1215ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1215A ONSEMI-NCP1215A Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Similar Description - NCP1215ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1215 ONSEMI-NCP1215 Datasheet
148Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
October, 2004 ??Rev. 2
logo
Monolithic Power System...
HFC0300 MPS-HFC0300 Datasheet
442Kb / 21P
   Variable Off Time Controller
logo
ON Semiconductor
NCL30100 ONSEMI-NCL30100 Datasheet
1Mb / 27P
   Fixed Off Time Switched Mode LED Driver Controller
June, 2010 -- Rev. 0
NCL30100 ONSEMI-NCL30100_11 Datasheet
1Mb / 27P
   nuFixed Off Time Switched Mode LED Driver Controller
January, 2011 ??Rev. 3
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
ON Semiconductor
NCP1351 ONSEMI-NCP1351 Datasheet
214Kb / 19P
   Variable Off Time PWM Controller
November, 2006 ??Rev. P2
NCP1351DPG ONSEMI-NCP1351DPG Datasheet
532Kb / 27P
   Variable Off Time PWM Controller
November, 2007 - Rev. 3
logo
Monolithic Power System...
EVHFC0300HS-00A MPS-EVHFC0300HS-00A Datasheet
348Kb / 12P
   Variable Off Time Controller EV Board
logo
NXP Semiconductors
TEA1623P NXP-TEA1623P Datasheet
434Kb / 20P
   STARplug switched mode power supply controller IC
Rev. 3-30 August 2010
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com