Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5664 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5664
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5664 Datasheet HTML 5Page - Analog Devices AD5664 Datasheet HTML 6Page - Analog Devices AD5664 Datasheet HTML 7Page - Analog Devices AD5664 Datasheet HTML 8Page - Analog Devices AD5664 Datasheet HTML 9Page - Analog Devices AD5664 Datasheet HTML 10Page - Analog Devices AD5664 Datasheet HTML 11Page - Analog Devices AD5664 Datasheet HTML 12Page - Analog Devices AD5664 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 9 of 24
VDD (V)
8
6
4
2
–6
–4
–2
0
–8
2.7
3.2
3.7
4.7
4.2
5.2
MIN DNL
MAX DNL
MAX INL
MIN INL
TA = 25°C
Figure 10. INL and DNL Error vs. Supply
TEMPERATURE (°C)
0
–0.04
–0.02
–0.06
–0.08
–0.10
–0.18
–0.16
–0.14
–0.12
–0.20
–40
–20
40
20
0
100
80
60
VDD = 5V
GAIN ERROR
FULL-SCALE ERROR
Figure 11. Gain Error and Full-Scale Error vs. Temperature
TEMPERATURE (°C)
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
–40
–20
40
20
08
60
100
0
OFFSET ERROR
ZERO-SCALE ERROR
Figure 12. Zero-Scale Error and Offset Error vs. Temperature
VDD (V)
1.0
–1.5
–1.0
–0.5
0
0.5
–2.0
2.7
3.2
3.7
4.7
4.2
5.2
GAIN ERROR
FULL-SCALE ERROR
Figure 13. Gain Error and Full-Scale Error vs. Supply
VDD (V)
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
2.7
3.2
4.2
3.7
5.2
4.7
ZERO-SCALE ERROR
OFFSET ERROR
TA = 25°C
Figure 14. Zero-Scale Error and Offset Error vs. Supply
IDD (mA)
0
1
2
3
4
5
6
0.41
0.42
0.43
0.44
0.45
VDD = 5.5V
TA = 25°C
Figure 15. IDD Histogram with VDD = 5.5 V


Similar Part No. - AD5664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664 AD-AD5664 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5664 AD-AD5664 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5664ARMZ AD-AD5664ARMZ Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5664ARMZ-REEL7 AD-AD5664ARMZ-REEL7 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5664BCPZ-R2 AD-AD5664BCPZ-R2 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
More results

Similar Description - AD5664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624_18 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com