Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3100 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM3100
Description  Digital Isolator, Enhanced System-Level ESD Reliability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3100 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM3100 Datasheet HTML 3Page - Analog Devices ADUM3100 Datasheet HTML 4Page - Analog Devices ADUM3100 Datasheet HTML 5Page - Analog Devices ADUM3100 Datasheet HTML 6Page - Analog Devices ADUM3100 Datasheet HTML 7Page - Analog Devices ADUM3100 Datasheet HTML 8Page - Analog Devices ADUM3100 Datasheet HTML 9Page - Analog Devices ADUM3100 Datasheet HTML 10Page - Analog Devices ADUM3100 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADuM3100
Rev. A | Page 7 of 16
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
1
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
Input IC Junction-to-Case
θJCI
46
°C/W
Thermal Resistance
Thermocouple located at center
underside of package
Output IC Junction-to-Case
θJCO
41
°C/W
Thermal Resistance
Package Power Dissipation
PPD
240
mW
1 Device considered a 2-terminal device: Pin 1, Pin 2, Pin 3, and Pin 4 shorted together, and Pin 5, Pin 6, Pin 7, and Pin 8 shorted together.
2 Input capacitance is measured at Pin 2 (VI).
REGULATORY INFORMATION
The ADuM3100 is approved by the organizations listed in Table 5.
Table 5.
UL
CSA
VDE
Recognized under 1577
Approved under CSA Component
Certified according to
Component Recognition Program1
Acceptance Notice No. 5A, C22.2 No. 1-98,
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003–012
C22.2 No. 14-95, and C22.2 No. 950-95
DIN EN 60950 (VDE 0805): 2001–12; EN 60950: 2000
File E214100
File 205078
File 2471900-4880-0002
1In accordance with UL 1577, each ADuM3100 is proof tested by applying an insulation test voltage ≥3000 V rms for 1 second (leakage detection current limit,
II–O ≤ 5 μA).
2In accordance with DIN EN 60747-5-2, each ADuM3100 is proof tested by applying an insulation test voltage ≥1050 VPEAK for 1 second (partial discharge detection limit
≤5 pC). An asterisk (*) branded on the component designates DIN EN 60747-5-2 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Minimum External Air Gap (Clearance)
L(I01)
4.90 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
4.01 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
.


Similar Part No. - ADUM3100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3100 AD-ADUM3100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM3100ARWZ AD-ADUM3100ARWZ Datasheet
253Kb / 8P
   ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
ADUM3100 AD-ADUM3100_15 Datasheet
361Kb / 16P
   Digital Isolator, Enhanced System-Level ESD Reliability
Rev. C
More results

Similar Description - ADUM3100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3100 AD-ADUM3100_15 Datasheet
361Kb / 16P
   Digital Isolator, Enhanced System-Level ESD Reliability
Rev. C
ADUM3210 AD-ADUM3210 Datasheet
478Kb / 20P
   Dual-Channel Digital Isolator, Enhanced System-Level ESD Reliability
REV. A
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com