Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5624BCPZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5624BCPZ-REEL7
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5624BCPZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5624BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5624BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VDD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREF = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
AD5664
Resolution
16
16
Bits
Relative Accuracy
±8
±16
±6
±12
LSB
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by
design
AD5624
Resolution
12
Bits
Relative Accuracy
±0.5
±1
LSB
Differential Nonlinearity
±0.25
LSB
Guaranteed monotonic by
design
Zero-Code Error
2
10
2
10
mV
All zeroes loaded to DAC
register
Offset Error
±1
±10
±1
±10
mV
Full-Scale Error
−0.1
±1
−0.1
±1
% of FSR
All ones loaded to DAC register
Gain Error
±1.5
±1.5
% of FSR
Zero-Code Error Drift
±2
±2
μV/°C
Gain Temperature
Coefficient
±2.5
±2.5
ppm
of FSR/°C
DC Power Supply Rejection
Ratio
−100
−100
dB
DAC code = midscale ; VDD ±
10%
DC Crosstalk
10
10
μV
Due to full-scale output
change
RL = 2 kΩ to GND or VDD
10
10
μV/mA
Due to load current change
5
5
μV
Due to powering down (per
channel)
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
0.5
Ω
Short-Circuit Current
30
30
mA
VDD = 5 V
Power-Up Time
4
4
μs
Coming out of power-down
mode; VDD = 5 V
REFERENCE INPUTS
Reference Current
170
200
170
200
μA
VREF = VDD = 5.5 V
Reference Input Range
0.75
VDD
0.75
VDD
V
Reference Input Impedance
26
26
LOGIC INPUTS3
Input Current
±2
±2
μA
All digital inputs
VINL, Input Low Voltage
0.8
0.8
V
VDD = 5 V, 3 V
VINH, Input High Voltage
2
2
V
VDD = 5 V, 3 V
Pin Capacitance
3
3
pF


Similar Part No. - AD5624BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5624BCPZ-REEL7 AD-AD5624BCPZ-REEL7 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
More results

Similar Description - AD5624BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624_18 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com