Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5622YKSZ-2REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5622YKSZ-2REEL7
Description  2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5622YKSZ-2REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5622YKSZ-2REEL7 Datasheet HTML 1Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 2Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 3Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 4Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5622YKSZ-2REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5602/AD5612/AD5622
Rev. B | Page 5 of 24
Limit at TMIN, TMAX
Parameter
Conditions2
Min
Max
Unit
Description
t8
Standard mode
4
μs
tSU;STO, setup time for a stop condition
Fast mode
0.6
μs
High speed mode
160
ns
t9
Standard mode
1000
ns
tRDA, rise time of SDA signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
80
ns
High speed mode, CB = 400 pF
20
160
ns
t10
Standard mode
300
ns
tFDA, fall time of SDA signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
80
ns
High speed mode, CB = 400 pF
20
160
ns
t11
Standard mode
1000
ns
tRCL, rise time of SCL signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
40
ns
High speed mode, CB = 400 pF
20
80
ns
t11A
Standard mode
1000
ns
tRCL1, rise time of SCL signal after a repeated start
condition and after an acknowledge bit
Fast mode
300
ns
High speed mode, CB = 100 pF
10
80
ns
High speed mode, CB = 400 pF
20
160
ns
t12
Standard mode
300
ns
tFCL, fall time of SCL signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
40
ns
High speed mode, CB = 400 pF
20
80
ns
tSP4
Fast mode
0
50
ns
Pulse width of spike suppressed
High speed mode
0
10
ns
1 See Figure 2. High speed mode timing specification applies to the AD5602-1/AD5612-1/AD5622-1 only. Standard and fast mode timing specifications apply to the
AD5602-1/AD5612-1/AD5622-1 and AD5602-2/AD5612-2/AD5622-2.
2 CB refers to the capacitance on the bus line.
3 The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate but has a negative effect on EMC behavior
of the part.
4 Input filtering on the SCL and SDA inputs suppress noise spikes that are less than 50 ns for fast mode or 10 ns for high speed mode.
TIMING DIAGRAM
SCL
SDA
PS
S
P
t8
t6
t5
t3
t10
t9
t4
t6
t1
t7
t2
t11
t12
Figure 2. 2-Wire Serial Interface Timing Diagram


Similar Part No. - AD5622YKSZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AD562 MOTOROLA-AD562 Datasheet
157Kb / 5P
   LASER TRIMMED HIGH-SPEED 12-BIT CONVERTER
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

Similar Description - AD5622YKSZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com