Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1508MNR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1508MNR2G
Description  Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1508MNR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1508MNR2G Datasheet HTML 6Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 7Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 8Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 9Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 10Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 11Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 12Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 13Page - ON Semiconductor NCP1508MNR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NCP1508
http://onsemi.com
10
DETAILED OPERATING DESCRIPTION
Overview
The NCP1508 is a monolithic micro−power high
frequency PWM step−down DC−DC converter specifically
optimized for applications requiring high efficiency and a
small PCB footprint such as portable battery powered
products. It integrates synchronous rectification to
improve efficiency as well as eliminate the external
Schottky diode. High switching frequency allows for a low
profile inductor and capacitors to be used. Four digital
selectable output voltages (1.0, 1.3, 1.5 and 1.89 V) can be
generated from the input supply that can range from
2.7−5.2 V. All loop compensation is integrated as well
further reducing the external component count as well.
The DC−DC converter has two operating modes (normal
PWM, pulsed switching), which are intended to allow for
optimum efficiency under either light (up to 30 mA) or
heavy loads. The user determines the operating mode by
controlling the SYNC input. In addition the SYNC input
can be used to synchronize the PWM to an external system
clock signal in the range of 500−1000 kHz.
PWM Operating Mode
The NCP1508 can be set to current mode PWM
operation by connecting SYNC pin to VCC. In this mode,
the output voltage is regulated by modulating on−time
pulse width of the main switch Q1 at a fixed frequency of
1 MHz. The switching of the PMOS Q1 is controlled by a
flip−flop driven by the internal oscillator and a comparator
that compares the error signal from an error amplifier with
the sum of the sensed current signal and compensation
ramp. At the beginning of each cycle, the main switch Q1
is turned ON by the rising edge of the internal oscillation
clock. The inductor current ramps up until the sum of the
current sense signal and compensation ramp becomes
higher than the error voltage amplifier. Once this has
occurred, the PWM comparator resets the flip−flop, Q1 is
turned OFF and the synchronous switch Q2 is turned ON.
Q2 replaces the external Schottky diode to reduce the
conduction loss and improve the efficiency. To avoid
overall power loss, a certain amount of dead time is
introduced to ensure Q1 is completely turned OFF before
Q2 is being turned ON.
In continuous conduction mode (CCM), Q1 is turned ON
after Q2 is completely turned OFF to start a new clock
cycle. In discontinuous conduction mode (DCM), the zero
crossing comparator (ZLC) will turn off Q2 when the
inductor current drops to zero.
Overvoltage Protection
The overvoltage protection circuit is present in PWM
mode to prevent the output voltage from going too high
under light load or fast load transient conditions. The
output overvoltage threshold is 5% above nominal set
value. If the output voltage rises above 5% of the nominal
value, the OVP comparator is activated and switch Q1 is
turned OFF. Switching will continue when the output
voltage falls below the threshold of OVP comparator.
Pulsed Mode (PM)
Under light load conditions (< 30 mA), NCP1508 can be
configured to enter a low current pulsed mode operation to
reduce power consumption. This is accomplished by
SYNC pin held LOW. The output regulation is
implemented by pulse frequency modulation. If the output
voltage drops below the threshold of PM comparator
(typically Vnom−2%), a new cycle will be initiated by the
PM comparator to turn on the switch Q1. Q1 remains ON
until 200 mA inductor peak current is reached. Then ILIM
comparator goes high to switch off Q1. After a short dead
time delay, switch rectifier Q2 is turn ON. The zero
crossing comparator will detect when the inductor current
drops to zero and send the signal to turn off Q2. The output
voltage continues to decrease through discharging the
output capacitor. When the output voltage falls below the
threshold of PM comparator again, a new cycle starts
immediately.
Cycle−by−Cycle Current Limit
From the block diagram (Figure 3), an ILIM comparator
is used to realize cycle−by−cycle current limit protection.
The comparator compares the LX pin voltages with the
reference voltage from the SENFET, which is biased by
constant current. If the inductor current reaches the limit,
ILIM comparator detects the LX voltage falling below the
reference voltage from SENFET and releases the signal to
turn off the switch Q1. The cycle−by−cycle current limit is
set at 800 mA in PWM and 200 mA in PM.
Frequency Synchronization and Operating Mode
Selection
The SYNC pin can also be used for frequency
synchronization by connecting it with an external clock
signal. It operates in PWM mode when synchronized to an
external clock. The switching cycle initiates by the rising
edge of the clock. The synchronization clock signals
between 0.4 V and 1.2 V from 500 kHz to 1000 kHz.
Gating on and off the clock, the SYNC pin can also be
used to select between PM and PWM modes. It allows
efficient dynamical power management by adjusting the
converter operation to the specific system requirement. Set
SYNC pin low to select PM mode at light load conditions
(up to 30 mA) and set SYNC pin high or connect with
external clock to select PWM mode at heavy load condition
to achieve optimum efficiency. Table 1 shows the mode
selection with three different SYNC pin states.


Similar Part No. - NCP1508MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500 ONSEMI-NCP1500 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1500DMR2 ONSEMI-NCP1500DMR2 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500DMR2G ONSEMI-NCP1500DMR2G Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NCP1508MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1509 ONSEMI-NCP1509 Datasheet
470Kb / 15P
   Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
July, 2006 ??Rev. 1
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com