Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3201CRZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM3201CRZ
Description  Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3201CRZ Datasheet(HTML) 1 Page - Analog Devices

  ADUM3201CRZ Datasheet HTML 1Page - Analog Devices ADUM3201CRZ Datasheet HTML 2Page - Analog Devices ADUM3201CRZ Datasheet HTML 3Page - Analog Devices ADUM3201CRZ Datasheet HTML 4Page - Analog Devices ADUM3201CRZ Datasheet HTML 5Page - Analog Devices ADUM3201CRZ Datasheet HTML 6Page - Analog Devices ADUM3201CRZ Datasheet HTML 7Page - Analog Devices ADUM3201CRZ Datasheet HTML 8Page - Analog Devices ADUM3201CRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual-Channel, Digital Isolators,
Enhanced System-Level ESD Reliability
ADuM3200/ADuM3201
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Enhanced system-level ESD performance per IEC 61000-4-x
Narrow body, 8-lead SOIC, Pb-free package
Low power operation
5 V operation
1.6 mA per channel maximum @ 0 Mbps to 2 Mbps
3.7 mA per channel maximum @ 10 Mbps
7.5 mA per channel maximum @ 25 Mbps
3 V operation
1.4 mA per channel maximum @ 0 Mbps to 2 Mbps
2.4 mA per channel maximum @ 10 Mbps
4.6 mA per channel maximum @ 25 Mbps
Bidirectional communication
3 V/5 V level translation
High temperature operation: 105°C
High data rate: dc to 25 Mbps (NRZ)
Precise timing characteristics
3 ns maximum pulse-width distortion
3 ns maximum channel-to-channel matching
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01
DIN EN 60950 (VDE 0805): 2001-12; DIN EN 60950: 2000
VIORM = 560 V peak
APPLICATIONS
Size-critical multichannel isolation
SPI® interface/data converter isolation
RS-232/RS-422/RS-485 transceiver isolation
Digital field bus isolation
GENERAL DESCRIPTION
The ADuM320x1 are dual-channel, digital isolators based on
Analog Devices’ iCoupler® technology. Combining high speed
CMOS and monolithic transformer technology, these isolation
components provide outstanding performance characteristics
superior to alternatives such as optocoupler devices.
By avoiding the use of LEDs and photodiodes, iCoupler devices
remove the design difficulties commonly associated with
optocouplers. The typical optocoupler concerns regarding
uncertain current transfer ratios, nonlinear transfer functions,
and temperature and lifetime effects are eliminated with the
simple iCoupler digital interfaces and stable performance
characteristics. The need for external drivers and other discrete
components is eliminated with these iCoupler products.
Furthermore, iCoupler devices consume one-tenth to one-sixth
the power of optocouplers at comparable signal data rates.
The ADuM320x isolators provide two independent isolation
channels in a variety of channel configurations and data rates
(see the Ordering Guide). Both parts operate with the supply
voltage on either side ranging from 2.7 V to 5.5 V, providing
compatibility with lower voltage systems as well as enabling a
voltage translation functionality across the isolation barrier. The
ADuM320x isolators have a patented refresh feature that ensures
dc correctness in the absence of input logic transitions and
during power-up/power-down conditions.
In comparison to the ADuM120x isolators, the ADuM320x
isolators contain various circuit and layout changes to provide
increased capability relative to system-level IEC 61000-4-x
testing (ESD, burst, surge). The precise capability in these tests
for either the ADuM120x or ADuM320x products is strongly
determined by the design and layout of the user’s board or
module. For more information, see Application Note AN-793,
ESD/Latch-Up Considerations with iCoupler Isolation Products.
1 Protected by U.S. Patents 5,952,849; 6,873,065; and other pending patents.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
GND1
VDD2
VOA
VOB
GND2
1
2
3
4
8
7
6
5
Figure 1. ADuM3200 Functional Block Diagram
ENCODE
DECODE
DECODE
ENCODE
VDD1
VOA
VIB
GND1
VDD2
VIA
VOB
GND2
1
2
3
4
8
7
6
5
Figure 2. ADuM3201 Functional Block Diagram


Similar Part No. - ADUM3201CRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3201CRZ AD-ADUM3201CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3201CRZ-RL7 AD-ADUM3201CRZ-RL7 Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
More results

Similar Description - ADUM3201CRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com