Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD5666EB Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD5666EB
Description  Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5666EB Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD5666EB Datasheet HTML 2Page - Analog Devices EVAL-AD5666EB Datasheet HTML 3Page - Analog Devices EVAL-AD5666EB Datasheet HTML 4Page - Analog Devices EVAL-AD5666EB Datasheet HTML 5Page - Analog Devices EVAL-AD5666EB Datasheet HTML 6Page - Analog Devices EVAL-AD5666EB Datasheet HTML 7Page - Analog Devices EVAL-AD5666EB Datasheet HTML 8Page - Analog Devices EVAL-AD5666EB Datasheet HTML 9Page - Analog Devices EVAL-AD5666EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5666
Rev. A | Page 6 of 28
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
3.6
2.7
3.6
V
All digital inputs at 0 or VDD,
DAC active, excludes load current
IDD (Normal Mode)4
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
0.65
0.85
0.65
0.85
mA
Internal reference off
VDD = 2.7 V to 3.6 V
1.3
1.5
1.3
1.5
mA
Internal reference on
IDD (All Power-Down Modes)5
VDD = 2.7 V to 3.6 V
0.2
1
0.2
1
μA
VIH = VDD and VIL = GND
1 Temperature range is −40°C to +105°C, typical at 25°C.
2 Linearity calculated using a reduced code range of 512 to 65,024. Output unloaded.
3 Guaranteed by design and characterization; not production tested.
4 Interface inactive. All DACs active. DAC outputs unloaded.
5 All four DACs powered down.


Similar Part No. - EVAL-AD5666EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD5660DKZ AD-EVAL-AD5660DKZ Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
EVAL-AD5660EBZ AD-EVAL-AD5660EBZ Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
EVAL-AD5662EBZ AD-EVAL-AD5662EBZ Datasheet
584Kb / 24P
   16-Bit nanoDAC in a SOT-23
REV. A
EVAL-AD5663REB AD-EVAL-AD5663REB Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
EVAL-AD5663REBZ AD-EVAL-AD5663REBZ Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
More results

Similar Description - EVAL-AD5666EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
AD5628 AD-AD5628 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com