Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5678ARUZ-2REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5678ARUZ-2REEL7
Description  4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5678ARUZ-2REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5678ARUZ-2REEL7 Datasheet HTML 1Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 2Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 3Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 4Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5678ARUZ-2REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5678
Rev. A | Page 3 of 28
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, VREFIN = VDD. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
AD5678 (DAC C, D, E, F)
Resolution
12
12
Bits
Relative Accuracy
±0.5
±2
±0.5
±1
LSB
See Figure 11
Differential Nonlinearity
±0.25
±0.25
LSB
Guaranteed monotonic by design
(see Figure 12)
AD5678 (DAC A, B, G, H)
Resolution
16
16
Bits
Relative Accuracy
±8
±32
±8
±16
LSB
See Figure 5
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design (see Figure 6)
Zero-Code Error
1
9
1
9
mV
All 0s loaded to DAC register (see Figure 17)
Zero-Code Error Drift
±2
±2
μV/°C
Full-Scale Error
−0.2
−1
−0.2
−1
% FSR
All 1s loaded to DAC register (see Figure 18)
Gain Error
±1
±1
% FSR
Gain Temperature
Coefficient
±2.5
±2.5
ppm
Of FSR/°C
Offset Error
±1
±9
±1
±9
mV
DC Power Supply Rejection
Ratio
–80
–80
dB
VDD ± 10%
DC Crosstalk
(External Reference)
10
10
μV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
5
5
μV/mA
Due to load current change
10
10
μV
Due to powering down (per channel)
DC Crosstalk
(Internal Reference)
25
25
μV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
10
10
μV/mA
Due to load current change
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
0.5
Ω
Short-Circuit Current
30
30
mA
VDD = 5 V
Power-Up Time
4
4
μs
Coming out of power-down mode; VDD = 5 V
REFERENCE INPUTS
Reference Input Voltage
VDD
VDD
V
±1% for specified performance
Reference Current
35
45
35
45
μA
VREF = VDD = 5.5 V (per DAC channel)
Reference Input Range
0
VDD
0
VDD
V
Reference Input Impedance
14.6
14.6
Per DAC channel
REFERENCE OUTPUT
Output Voltage
AD5678-2
2.495
2.505
2.495
2.505
V
At ambient
Reference TC3
±5
±10
±5
±10
ppm/°C
Reference Output Impedance
7.5
7.5
LOGIC INPUTS3
Input Current
±3
±3
μA
All digital inputs
Input Low Voltage, VINL
0.8
0.8
V
VDD = 5 V
Input High Voltage, VINH
2
2
V
VDD = 5 V
Pin Capacitance
3
3
pF


Similar Part No. - AD5678ARUZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
More results

Similar Description - AD5678ARUZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5628 AD-AD5628 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Elpida Memory
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Winbond
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
   2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com