Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1582A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1582A
Description  Low Voltage Synchronous Buck Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1582A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1582A Datasheet HTML 2Page - ON Semiconductor NCP1582A Datasheet HTML 3Page - ON Semiconductor NCP1582A Datasheet HTML 4Page - ON Semiconductor NCP1582A Datasheet HTML 5Page - ON Semiconductor NCP1582A Datasheet HTML 6Page - ON Semiconductor NCP1582A Datasheet HTML 7Page - ON Semiconductor NCP1582A Datasheet HTML 8Page - ON Semiconductor NCP1582A Datasheet HTML 9Page - ON Semiconductor NCP1582A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP1582, NCP1582A, NCP1583
http://onsemi.com
6
DETAILED OPERATING DESCRIPTION
General
The NCP158x is an 8−pin PWM controller intended for
DC−DC conversion from 5.0 V & 12 V buses. The NCP158x
has a 0.7 A internal gate driver circuit designed to drive
N−channel MOSFETs in a synchronous−rectifier buck
topology. The output voltage of the converter can be
precisely regulated down to 800 mV 1.5% when the VFB pin
is tied to VOUT. The switching frequency is internally set. A
high gain operational transconductance error amplifier
(OTA) is used.
Duty Cycle and Maximum Pulse Width Limits
In steady state DC operation, the duty cycle will stabilize
at an operating point defined by the ratio of the input to the
output voltage. The NCP158x can achieve an 80% duty
cycle. There is a built in off−time which ensures that the
bootstrap supply is charged every cycle. The NCP158x,
which is capable of a 100 nsec pulse width (min.), can allow
a 12 V to 0.8 V conversion at 350 kHz.
Input Voltage Range (VCC and BST)
The input voltage range for both VCC and BST is 4.5 V to
13.2 V with respect to GND and PHASE, respectively.
Although BST is rated at 13.2 V with respect to PHASE, it
can also tolerate 26.5 V with respect to GND.
External Enable/Disable
When the Comp pin voltage falls or is pulled externally
below the 400 mv threshold, it disables the PWM Logic and
the gate drive outputs. In this disabled mode, the operational
transconductance error amplifier’s (EOTA) output source
current is reduced and limited to the Soft Start current of 10
mA.
Normal Shutdown Behavior
Normal shutdown occurs when the IC stops switching
because the input supply reaches UVLO threshold. In this
case, switching stops, the internal SS is discharged, and all
GATE pins go low. The switch node enters a high impedance
state and the output capacitors discharge through the load
with no ringing on the output voltage.
External Soft Start
The NCP158x features an external soft start function,
which reduces inrush current and overshoot of the output
voltage. Soft start is achieved by using the internal current
source of 10
mA. (typ), which charges the external integrator
capacitor of the transconductance amplifier. Figure 10 is a
typical soft start sequence. This sequence begins once VCC
surpasses its UVLO threshold. During Soft Start, as the
Comp Pin rises through 400 mV, the PWM Logic and gate
drives are enabled. When the feedback voltage crosses
800 mV, the EOTA will be given control to switch to its
higher regulation mode output current of 120
mA. In the
event of an overcurrent during soft start, the overcurrent
logic will override the soft start sequence and will shut down
the PWM logic and both the high side and low side gates.
Figure 10. Soft Start Implementation
0.4 V
1.1 V
0.4 V
Vcomp
Enable
Vfb
10 mA
10 mA
120 mA
Isource/
Sink
SS
−10 mA
Start Up
Normal
Timing Diagram NCP1582: Enable Sequence
UVLO
Under Voltage Lockout (UVLO) is provided to ensure that
unexpected behavior does not occur when VCC is too low to
support the internal rails and power the converter. For the
NCP158x, the UVLO is set to ensure that the IC will start up
when VCC reaches 4.2 V and shutdown when VCC drops
below 3.7 V. This permits operation when converting from
a 5.0 input voltage.
Current Limit Protection
In case of a short circuit or overload, the low−side (LS)
FET will conduct large currents. The controller will shut
down the regulator in this situation for protection against
overcurrent. The low−side RDSon sense is implemented by
comparing the voltage at the Phase node when BG starts
going low to an internally generated fixed voltage. If the
phase voltage is lower than SCP trip voltage, an overcurrent
condition occurs and a counter is initiated. When the counter
completes, the PWM logic and both HS−FET and LS−FET
are turned off. The controller will retry to see if the short
circuit or overload condition is removed through the soft
start cycle. The minimum turn−on time of the LS−FET is set
to be 500 ns. The trip thresholds have a −95 mV, +45 mV
process and temperature variation.
Drivers
The NCP158x includes 0.7 A gate drivers to switch
external N−channel MOSFETs. This allows the NCP158x to
address high−power as well as low−power conversion
requirements. The gate drivers also include adaptive
non−overlap circuitry. The non−overlap circuitry increase
efficiency,
which
minimizes
power
dissipation,
by
minimizing the body diode conduction time.
A detailed block diagram of the non−overlap and gate
drive circuitry used in the chip is shown in Figure 11.


Similar Part No. - NCP1582A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1582DR2G ONSEMI-NCP1582DR2G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NCP1582A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com