Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1595MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1595MNR2G
Description  Current Mode PWM Converter for Low Voltage Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1595MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1595MNR2G Datasheet HTML 1Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 2Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 3Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 4Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 5Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 6Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 7Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 8Page - ON Semiconductor NCP1595MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 2
1
Publication Order Number:
NCP1595/D
NCP1595, NCP1595A
Current Mode PWM
Converter for Low Voltage
Outputs
The NCP1595/NCP1595A is a current mode PWM buck converter
with integrated power switch and synchronous rectifier. It can provide
up to 1.5 A output current with high conversion efficiency. High
frequency PWM control scheme can provide a low output ripple noise.
Thus, it allows the usage of small size passive components to reduce
the board space. In a low load condition, the controller will
automatically change to PFM mode for provides a higher efficiency at
low load. Additionally, the device includes soft−start, thermal
shutdown with hysteresis, cycle−by−cycle current limit, and short
circuit protection. This device is available in compact 3x3 DFN
package.
Features
High Efficiency 95% @ 3.375 V
Synchronous Rectification for Higher Efficiency in PWM Mode
Integrated MOSFET
Fully Internal Compensation
High Switching Frequency, 1.0 MHz
Low Output Ripple
Cycle−by−cycle Current Limit
Current Mode Control
Short Circuit Protection
Built−in Slope Compensation for Current Mode PWM Converter
$1.5% Reference Voltage
Thermal Shutdown with Hysteresis
Ext. Adjustable Output Voltage
Fast Transient Response
Low Profile and Minimum External Components
Designed for Use with Ceramic Capacitor
Compact 3x3 DFN Package
These are Pb−Free Devices
Typical Applications
Hard Disk Drives
USB Power Device
Wireless and DSL Modems
DFN6 3*3 MM, 0.95 PITCH
CASE 506AH
MARKING DIAGRAMS
http://onsemi.com
1
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1595A
ALYW
G
1
N1595
ALYW
G
1
NC
VCC
VCCP
FB
GND
LX
EN
VCC
VCCP
FB
GND
LX
1595
1595A
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1595MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1595MNR2G ONSEMI-NCP1595MNR2G Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1595MNR2G ONSEMI-NCP1595MNR2G Datasheet
354Kb / 13P
   Synchronous GBuck Regulator
March, 2014 ??Rev. 11
More results

Similar Description - NCP1595MNR2G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1619 LINER-LT1619 Datasheet
256Kb / 20P
   Low Voltage Current Mode PWM Controller
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
   Low Voltage Current Mode PWM Controller
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
logo
Shenzhen Huazhimei Semi...
HM6293B HMSEMI-HM6293B Datasheet
689Kb / 6P
   Low noise 4.5A boost current mode PWM converter
logo
Feeling Technology Corp...
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6298 FEELING-FP6298 Datasheet
346Kb / 10P
   Low-Noise 4.5A Step-Up Current Mode PWM Converter
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com