Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM3401CRWZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM3401CRWZ
Description  Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM3401CRWZ Datasheet(HTML) 1 Page - Analog Devices

  ADUM3401CRWZ Datasheet HTML 1Page - Analog Devices ADUM3401CRWZ Datasheet HTML 2Page - Analog Devices ADUM3401CRWZ Datasheet HTML 3Page - Analog Devices ADUM3401CRWZ Datasheet HTML 4Page - Analog Devices ADUM3401CRWZ Datasheet HTML 5Page - Analog Devices ADUM3401CRWZ Datasheet HTML 6Page - Analog Devices ADUM3401CRWZ Datasheet HTML 7Page - Analog Devices ADUM3401CRWZ Datasheet HTML 8Page - Analog Devices ADUM3401CRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Quad-Channel, Digital Isolators,
Enhanced System-Level ESD Reliability
ADuM3400/ADuM3401/ADuM3402
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Enhanced system-level ESD performance per IEC 61000-4-x
Low power operation
5 V operation
1.4 mA per channel maximum @ 0 Mbps to 2 Mbps
4.3 mA per channel maximum @ 10 Mbps
34 mA per channel maximum @ 90 Mbps
3 V operation
0.9 mA per channel maximum @ 0 Mbps to 2 Mbps
2.4 mA per channel maximum @ 10 Mbps
20 mA per channel maximum @ 90 Mbps
Bidirectional communication
3 V/5 V level translation
High temperature operation: 105°C
High data rate: dc to 90 Mbps (NRZ)
Precise timing characteristics
2 ns maximum pulse-width distortion
2 ns maximum channel-to-channel matching
High common-mode transient immunity: >25 kV/μs
Output enable function
16-lead SOIC wide body, Pb-free package
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01
DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000
VIORM = 560 V peak
APPLICATIONS
General-purpose multichannel isolation
SPI® interface/data converter isolation
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
GENERAL DESCRIPTION
The ADuM340x1 are 4-channel digital isolators based on
Analog Devices’ iCoupler® technology. Combining high speed
CMOS and monolithic air core transformer technology, these
isolation components provide outstanding performance
characteristics superior to alternatives such as optocoupler devices.
iCoupler devices remove the design difficulties commonly
associated with optocouplers. Typical optocoupler concerns
regarding uncertain current transfer ratios, nonlinear transfer
functions, and temperature and lifetime effects are eliminated
with the simple iCoupler digital interfaces and stable performance
characteristics. The need for external drivers and other discrete
components is eliminated with these iCoupler products.
Furthermore, iCoupler devices consume one-tenth to one-sixth the
power of optocouplers at comparable signal data rates.
The ADuM340x isolators provide three independent isolation
channels in a variety of channel configurations and data rates
(see the Ordering Guide). All models operate with the supply
voltage on either side ranging from 2.7 V to 5.5 V, providing
compatibility with lower voltage systems as well as enabling a
voltage translation functionality across the isolation barrier. The
ADuM340x isolators have a patented refresh feature that ensures dc
correctness in the absence of input logic transitions and during
power-up/power-down conditions.
In comparison to the ADuM140x isolators, the ADuM340x
isolators contain various circuit and layout changes to provide
increased capability relative to system-level IEC 61000-4-x testing
(ESD/burst/surge). The precise capability in these tests for either
the ADuM140x or ADuM340x products is strongly determined by
the design and layout of the user’s board or module. For more
information, see Application Note AN-793, ESD/Latch-Up
Considerations with iCoupler Isolation Products.
1 Protected by U.S. Patents 5,952,849 and 6,873,065. Other patents pending.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VIC
VID
NC
GND1
VDD2
GND2
VOA
VOB
VOC
VOD
VE2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 1. ADuM3400 Functional Block Diagram
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VIC
VOD
VE1
GND1
VDD2
GND2
VOA
VOB
VOC
VID
VE2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 2. ADuM3401 Functional Block Diagram
DECODE
ENCODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VOC
VOD
VE1
GND1
VDD2
GND2
VOA
VOB
VIC
VID
VE2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 3. ADuM3402 Functional Block Diagram


Similar Part No. - ADUM3401CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3401CRWZ AD-ADuM3401CRWZ Datasheet
423Kb / 24P
   Quad-Channel, Digital Isolators, hanced System-Level ESD Reliability
REV. B
More results

Similar Description - ADUM3401CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3301 AD-ADUM3301_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com