Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1601ADR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1601ADR2G
Description  Compact Fixed Frequency Discontinuous or Critical Conduction Voltage Mode Power Factor Correction Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1601ADR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1601ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 9Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 10Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 11Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 12Page - ON Semiconductor NCP1601ADR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP1601A, NCP1601B
http://onsemi.com
9
FUNCTIONAL DESCRIPTION
Introduction
The NCP1601 is a Power Factor Correction (PFC) boost
controller
designed
to
operate
in
Discontinuous
Conduction Mode (DCM) and Critical Conduction Mode
(CRM). The fixed−frequency nature of DCM limits the
maximum switching frequency. It limits the possible
conducted and radiated EMI noise that may pollute
surrounding systems. NCP1601 offers the simplest solution
to PFC including fewer external circuit components and
simple voltage−mode feedback. The diode turn−off
switching loss is negligible and hence there is no need to
use a low reverse−recovery time trr diode. On the other
hand, the CRM feature is added to limit the maximum
current stress to twice of the average current. The NCP1601
incorporates high safety protection features and combines
the advantages of DCM and CRM so that the NCP1601 is
suitable for robust and compact PFC stages.
The NCP1601 provides the following protection features:
1. Overvoltage Protection (OVP) is activated and
the output drive goes low when the output voltage
exceeds 107% of the nominal regulation level
which is a user−defined value. The circuit
automatically resumes operation when the output
voltage becomes lower than 107%.
2. Undervoltage Protection (UVP) is activated and
the device is shut down when the output voltage
goes below 8% of the nominal regulation level.
The circuit automatically resumes operation when
the output voltage goes above 8% of the nominal
regulation level. This feature also provides output
open−loop protection and external shutdown
feature.
3. Overcurrent Protection (OCP) is activated and
the output device goes low when the inductor
current exceeds a user−defined value. The
operation automatically resumes when the
inductor current becomes lower than this
user−defined value at the next clock cycle.
4. Thermal Shutdown (TSD) is activated and the
output drive is disabled when the junction
temperature exceeds 140
°C. The operation
resumes when the junction temperature falls
down by typical 45
°C.
The NCP1601 is available in two versions. The
NCP1601A has a typical 4.75 V undervoltage lockout
(UVLO) hysteresis, while NCP1601B has a typical 1.5 V
UVLO hysteresis. It allows the use of different VCC biasing
schemes.
Operating Modes of NCP1601
The NCP1601 is a PFC driver primarily designed to
operate in fixed−frequency DCM. In the most stressful
conditions, CRM can be an alternative option which is
without power factor degradation. On the other hand, the
NCP1601 can be viewed as a CRM controller with a
frequency clamp (maximum switching frequency limit)
alternative option which is also without power factor
degradation. In summary, the NCP1601 can cover both
CRM and DCM without power factor degradation. Based
on the selections of the boost inductor and the oscillator
frequency, the circuit is capable of the following three
applications.
1. “Mostly in CRM” with a frequency clamp set by
the oscillator or synchronization frequency.
2. “Mostly in fixed−frequency mode DCM” and
only run in CRM at high load and low line.
3. “Fixed−frequency DCM” only.
Figure 25. Operating Modes
Inductor current, IL
Input current, Iin
time
Current
DCM
DCM
Critical Mode
DCM needs higher peak inductor current comparing to
CRM in the same averaged input current. Hence, CRM is
generally preferred at around the sinusoidal peak for lower
the maximum current stress but DCM is also preferred at
the non−peak region to avoid excessive switching
frequencies. Because of the variable−frequency feature of
the CRM and constant−frequency feature of DCM,
switching frequency is the maximum in the DCM region
and hence the minimum switching frequency will be found
at the moment of the sinusoidal peak.
DCM PFC Circuit
A DCM/CRM PFC boost converter is shown in Figure 26.
Input voltage is a rectified 50 or 60 Hz sinusoidal signal. The
MOSFET is switching at a high frequency (typically around
100 kHz) so that the inductor current IL basically consists of
high−frequency and low−frequency components.
Filter capacitor Cfilter is an essential and very small value
capacitor in order to eliminate the high−frequency content
of the DCM inductor current IL. This filter capacitor cannot


Similar Part No. - NCP1601ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1601 ONSEMI-NCP1601 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1601 ONSEMI-NCP1601 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
More results

Similar Description - NCP1601ADR2G

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
logo
Texas Instruments
UCC28180 TI1-UCC28180 Datasheet
1Mb / 48P
[Old version datasheet]   Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
Silan Microelectronics ...
SA7527 SILAN-SA7527 Datasheet
263Kb / 8P
   POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING
logo
Texas Instruments
UCC28180 TI-UCC28180_15 Datasheet
1Mb / 45P
[Old version datasheet]   UCC28180 Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
   Discontinuous-conduction mode
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com