Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3488 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3488
Description  MOSFET Driver with Dual Outputs for Synchronous Buck Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3488 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3488 Datasheet HTML 1Page - ON Semiconductor NCP3488 Datasheet HTML 2Page - ON Semiconductor NCP3488 Datasheet HTML 3Page - ON Semiconductor NCP3488 Datasheet HTML 4Page - ON Semiconductor NCP3488 Datasheet HTML 5Page - ON Semiconductor NCP3488 Datasheet HTML 6Page - ON Semiconductor NCP3488 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NCP3488
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Operating Ambient Temperature, TA
0 to 85
°C
Operating Junction Temperature, TJ (Note 1)
0 to 150
°C
Package Thermal Resistance: SO−8
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA (2−Layer Board)
45
123
°C/W
°C/W
Storage Temperature Range, TS
−65 to 150
°C
Lead Temperature Soldering (10 sec): Reflow (SMD styles only)
Pb−Free (Note 3)
260 peak
°C
JEDEC Moisture Sensitivity Level
(260 peak profile)
1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Internally limited by thermal shutdown, 150°C min.
2. 2 layer board, 1 in2 Cu, 1 oz thickness.
3. 60−180 seconds minimum above 237°C.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
MAXIMUM RATINGS
Pin Symbol
Pin Name
VMAX
VMIN
VCC
Main Supply Voltage Input
15 V
−0.3 V
BST
Bootstrap Supply Voltage Input
30 V wrt/PGND
35 V v 50 ns wrt/PGND
15 V wrt/SW
−0.3 V wrt/SW
SW
Switching Node
(Bootstrap Supply Return)
30 V
−1.0 V DC
−10 V< 200 ns
DRVH
High−Side Driver Output
BST + 0.3 V
35 V v 50 ns wrt/PGND
15 V wrt/SW
−0.3 V wrt/SW
DRVL
Low−Side Driver Output
VCC + 0.3 V
−0.3 V DC
−2.0 V < 200 ns
IN
DRVH and DRVL Control Input
VCC + 0.3 V
−0.3 V
OD
Output Disable
VCC + 0.3 V
−0.3 V
PGND
Ground
0 V
0 V
NOTE: All voltages are with respect to PGND except where noted.


Similar Part No. - NCP3488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP348AE ONSEMI-NCP348AE Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348AEMTTXG ONSEMI-NCP348AEMTTXG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348MTTBG ONSEMI-NCP348MTTBG Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
More results

Similar Description - NCP3488

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418B ONSEMI-NCP3418B Datasheet
89Kb / 8P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
March, 2006 ??Rev. 5
NCP3420 ONSEMI-NCP3420 Datasheet
155Kb / 9P
   MOSFET Driver with Dual Outputs for Synchronous Buck Converters
December, 2009 ??Rev. 3
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
International Rectifier
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com