Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4896FCT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4896FCT1G
Description  1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4896FCT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4896FCT1G Datasheet HTML 1Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 2Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 3Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 4Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 5Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 6Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 7Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 8Page - ON Semiconductor NCP4896FCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP4896
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS Limits apply for TA between −40°C to +85°C (Unless otherwise noted).
Characteristic
Symbol
Conditions
Min
(Note 7)
Typ
Max
(Note 7)
Unit
Supply Quiescent Current
Idd
VP = 3.0 V, No Load
VP = 5.0 V, No Load BTL
1.7
1.8
mA
VP = 3.0 V, 8.0
W, BTL
VP = 5.0 V, 8.0
W, BTL
1.8
2.0
4.0
VP = 5.0 V, No Load, SE
1.0
2.5
VP = 5.0 V, 32
W, SE
1.1
mA
Common Mode Voltage
Vcm
VP/2
V
Shutdown Current
ISD
For VP Between 2.2 V to 5.5 V
SD = Low
TA = +25°C
TA = −40°C to +85°C
20
600
2.0
nA
mA
Shutdown Voltage High
VSDIH
1.4
V
Shutdown Voltage Low
VSDIL
0.4
V
SE Select
VBTL/SE
1.4
V
DE Select
VSE/BTL
0.4
V
Turning On Time (Note 8)
TWU
Cby = 1.0 mF
140
ms
Turning Off Time (Note 8)
TSD
20
ms
Output Swing
Vloadpeak
VP = 3.0 V, 8.0
W, BTL
VP = 5.0 V, 8.0
W, BTL
2.3
2.57
4.3
V
VP = 5.0 V, 32
W, SE
4.9
V
Rms Output Power
PO
VP = 5.0 V, 32
W, SE
THD + N < 0.1%
VP = 5.0 V, 16
W, SE
THD + N < 0.1%
VP = 5.0 V, 8.0
W, BTL
THD + N < 0.1%
92
176
1080
mW
Output Offset Voltage
Vos
For VP between 2.2 V to 5.5 V
BTL and SE
−30
1.0
30
mV
Power Supply Rejection Ratio
PSRR V+
RF = Ri
= 20 kW
VPripple_pp = 200 mV
Cby = 1.0 mF
Input Terminated with 10
W
f = 217 Hz to 1.0 khz
VP = 5.0 V, 8.0
W, BTL
VP = 3.0 V, 8.0
W, BTL
VP = 5.0 V, 32
W, SE
VP = 3.0 V, 32
W, SE
−66
−67
−69
−70
dB
Efficiency
h
VP = 3.0 V, 8.0
W, BTL
Porms = 380 mW
VP = 5.0 V, 8.0
W, BTL
Porms = 1.0 W
64
63
%
Thermal Shutdown Temperature
Tsd
160
°C
Total Harmonic Distortion
THD + N
RF = Ri
= 20 kW
VP = 3.6 V, f = 1.0 kHz
Pout = 400 mW, 8.0 W, BTL
Pout = 40 mW, 16 W, BTL
Pout = 40 mW, 32 W, SE
0.02
0.01
0.003
%
7. Min/Max limits are guaranteed by design, test or statistical analysis.
8. See section “Application Information” for a theoretical approach of this parameter.


Similar Part No. - NCP4896FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2 ONSEMI-NCP4894DMR2 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894DMR2 ONSEMI-NCP4894DMR2 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
NCP4894DMR2G ONSEMI-NCP4894DMR2G Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
More results

Similar Description - NCP4896FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2890FCT1 ONSEMI-NCP2890FCT1 Datasheet
206Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
NCP2890 ONSEMI-NCP2890 Datasheet
190Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2004 ??Rev. 8
NCP2890 ONSEMI-NCP2890_06 Datasheet
216Kb / 16P
   1.0 Watt Audio Power Amplifier
November, 2006 ??Rev. 10
logo
Lyontek Inc.
LY8891 LYONTEK-LY8891 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com