Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5211 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5211
Description  Low Voltage Synchronous Buck Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5211 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5211 Datasheet HTML 1Page - ON Semiconductor NCP5211 Datasheet HTML 2Page - ON Semiconductor NCP5211 Datasheet HTML 3Page - ON Semiconductor NCP5211 Datasheet HTML 4Page - ON Semiconductor NCP5211 Datasheet HTML 5Page - ON Semiconductor NCP5211 Datasheet HTML 6Page - ON Semiconductor NCP5211 Datasheet HTML 7Page - ON Semiconductor NCP5211 Datasheet HTML 8Page - ON Semiconductor NCP5211 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCP5211
http://onsemi.com
2
COMP
VFFB
VFB
GATE(H)
GATE(L)
VC
VCC
PGND
IS−
ROSC
NCP5211
2.5 V/8.0 A
51 k
0.1
mF
LGND
100
mF/10 V × 3
0.1
mF
SENSE+
4.7 k
1.0 k
1.0%
2.9
mH
5.0 V
IS+
SENSE−
+
+
100
mF/10 V × 2
SGND
1.0%
0.1
mF
0.1
mF
10
BST
4.7 k
Figure 1. Application Diagram, 5.0 V to 2.5 V/8.0 A Converter with Differential Remote Sense
10
1.5 k
0.1
mF
+VOUT
−VOUT
Return
680 pF
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping†
NCP5211BDR2G
−40
°C < TA < 85°C
SOIC−14
(Pb−Free)
2500 / Tape & Reel
NCP5211DR2G
0
°C < TA < 70°C
SOIC−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
Package Thermal Resistance,
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
30
125
°C/W
°C/W
ESD Susceptibility (Human Body Model)
2.0
kV
JEDEC Moisture Sensitivity
1.0
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183
°C.


Similar Part No. - NCP5211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5211A ONSEMI-NCP5211A Datasheet
118Kb / 16P
   Low Voltage Synchronous Buck Controller
December, 2003 ??Rev. 3
NCP5211AD ONSEMI-NCP5211AD Datasheet
118Kb / 16P
   Low Voltage Synchronous Buck Controller
December, 2003 ??Rev. 3
NCP5211ADR2 ONSEMI-NCP5211ADR2 Datasheet
118Kb / 16P
   Low Voltage Synchronous Buck Controller
December, 2003 ??Rev. 3
More results

Similar Description - NCP5211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com