Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5214A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5214A
Description  2?뭝n?? Notebook DDR Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5214A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5214A Datasheet HTML 1Page - ON Semiconductor NCP5214A Datasheet HTML 2Page - ON Semiconductor NCP5214A Datasheet HTML 3Page - ON Semiconductor NCP5214A Datasheet HTML 4Page - ON Semiconductor NCP5214A Datasheet HTML 5Page - ON Semiconductor NCP5214A Datasheet HTML 6Page - ON Semiconductor NCP5214A Datasheet HTML 7Page - ON Semiconductor NCP5214A Datasheet HTML 8Page - ON Semiconductor NCP5214A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
NCP5214A
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1
VDDQEN
VDDQ regulator enable input. High to enable.
2
VTTEN
VTT regulator enable input. High to enable.
3
FPWM
Forced PWM enable input. Low to enable forced PWM mode and disable power−saving mode.
4
SS
VDDQ Soft−start capacitor connection to ground.
5
VTTGND
Power ground for the VTT regulator.
6
VTT
VTT regulator output.
7
VTTI
Power input for VTT regulator which is normally connected to the VDDQ output of the buck regulator.
8
FBVTT
VTT regulator feedback pin for closed loop regulation.
9
AGND
Analog ground connection and remote ground sense.
10
DDQREF
External reference input which is used to regulate VTT and VTTREF to 1/2VDDQREF.
11
VCCA
5.0 V supply input for the IC’s control and logic section, which is monitored by undervoltage lock out
circuitry.
12
COMP
VDDQ error amplifier compensation node.
13
FBDDQ
VDDQ regulator feedback pin for closed loop regulation.
14
VTTREF
DDR reference voltage output.
15
PGOOD
Power good signal open−drain output.
16
OCDDQ
Overcurrent sense and program input for the high−side FET of VDDQ regulator. Also the battery voltage
input for the internal ramp generator to implement the voltage feedforward rejection to the input voltage
variation. This pin must be connected to the VIN through a resistor to perform the current limit and volt-
age feedforward functions.
17
BOOST
Positive supply input for high−side gate driver of VDDQ regulator and boost capacitor connection.
18
TGDDQ
Gate driver output for VDDQ regulator high−side N−Channel power FET.
19
SWDDQ
VDDQ regulator inductor driven node, return for high−side gate driver, and current limit sense input.
20
VCCP
Power supply for the VDDQ regulator low−side gate driver and also supply voltage for the bootstrap
capacitor of the VDDQ regulator high−side gate driver supply.
21
BGDDQ
Gate driver output for VDDQ regulator low−side N−Channel power FET.
22
PGND
Power ground for the VDDQ regulator.
23
THPAD
Copper pad on bottom of IC used for heatsinking. This pin should be connected to the ground plane un-
der the IC.


Similar Part No. - NCP5214A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5214 ONSEMI-NCP5214 Datasheet
89Kb / 14P
   2-in-1 Notebook DDR Power Controller
April, 2005 ??Rev. P0
NCP5214 ONSEMI-NCP5214 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5214MNR2 ONSEMI-NCP5214MNR2 Datasheet
89Kb / 14P
   2-in-1 Notebook DDR Power Controller
April, 2005 ??Rev. P0
More results

Similar Description - NCP5214A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5218 ONSEMI-NCP5218 Datasheet
453Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
January, 2007 ??Rev. 0
NCP5214 ONSEMI-NCP5214 Datasheet
89Kb / 14P
   2-in-1 Notebook DDR Power Controller
April, 2005 ??Rev. P0
NCP5203 ONSEMI-NCP5203 Datasheet
69Kb / 10P
   2-in-1 DDR Power Controller
January, 2005 ??Rev. 1
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com