Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5211DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5211DR2G
Description  Low Voltage Synchronous Buck Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5211DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5211DR2G Datasheet HTML 1Page - ON Semiconductor NCP5211DR2G Datasheet HTML 2Page - ON Semiconductor NCP5211DR2G Datasheet HTML 3Page - ON Semiconductor NCP5211DR2G Datasheet HTML 4Page - ON Semiconductor NCP5211DR2G Datasheet HTML 5Page - ON Semiconductor NCP5211DR2G Datasheet HTML 6Page - ON Semiconductor NCP5211DR2G Datasheet HTML 7Page - ON Semiconductor NCP5211DR2G Datasheet HTML 8Page - ON Semiconductor NCP5211DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP5211
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (−40
°C < TA < 85°C; −40°C < TJ < 125°C; 4.5 V < VCC, VC < 14 V; 7.0 V < BST <
20 V; CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 mF, unless otherwise specified.) (Note 3)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General Electrical Specifications
VCC Supply Current
COMP = 0 V (no switching)
5.0
8.0
mA
BST/VC Supply Current
COMP = 0 V (no switching)
2.0
3.0
mA
Start Threshold
GATE(H) Switching, COMP Charging
3.90
4.05
4.20
V
Stop Threshold
GATE(H) Not Switching, COMP Not Charging
3.75
3.90
4.05
V
Hysteresis
Start−Stop
100
150
200
mV
Sense Ground Current
(Note 4)
0.15
1.00
mA
3. Guaranteed by design. Not tested in production.
4. Recommended maximum operating voltage between the three grounds is 200 mV.
UVLO
Comparator
5.0
mA
GATE(L)
GATE(H)
+
+
+
Σ
PGND
ROSC
VC
BST
R
S
Q
Q
S
R
Q
Q
Fault
Fault
PWM FF
COMP Discharge COMP
0.25 V
PWM Comparator
ART Ramp
OSC
ROSC
0.5 V
Error Amp
1.0 V
100 % DC
Comparator
VSTART
OC
Comparator
60 mV
0.8 V
UVLO
LGND
VCC
IS−
IS+
SGND
VFB
COMP
VFFB
Figure 2. Block Diagram
Reset Dominant
Set Dominant


Similar Part No. - NCP5211DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5211A ONSEMI-NCP5211A Datasheet
118Kb / 16P
   Low Voltage Synchronous Buck Controller
December, 2003 ??Rev. 3
NCP5211AD ONSEMI-NCP5211AD Datasheet
118Kb / 16P
   Low Voltage Synchronous Buck Controller
December, 2003 ??Rev. 3
NCP5211ADR2 ONSEMI-NCP5211ADR2 Datasheet
118Kb / 16P
   Low Voltage Synchronous Buck Controller
December, 2003 ??Rev. 3
More results

Similar Description - NCP5211DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com