Part Name
         Description
NCP5318

 Two/Three/Four−Phase Buck CPU Controller ( 31 Page)


ONSEMI
100% 
Zoom Out Zoom In
 6 page
background image
NCP5318
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (0°C < TA < 70°C; VCC = 12 V; CGATEx = 100 pF, CCOMP = 0.01 mF,
CSS = 0.1 mF, CVCC = 0.1 mF, RROSC = 95.3 kW, V(ILIM) = 1.0 V, DAC Code 010100; unless otherwise noted)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VID Inputs
Input Threshold
VID5, VID4, VID3, VID2, VID1, VID0
400
600
800
mV
VID Pin Current
VID5, VID4, VID3, VID2, VID1, VID0 = 0 V
0.2
1.0
mA
SGND Bias Current
SGND < 300 mV, All DAC Codes
10
20
40
mA
SGND Voltage Compliance Range
−200
300
mV
Power Good
Upper Threshold, Offset from No Load Set Point
85
97
115
mV
Lower Threshold Constant
PWRGDS/No Load Set Point
0.475
0.505
0.525
V/V
Output Low Voltage
VFFB = 1.0 V, IPWRGD = 4.0 mA
0.18
0.40
V
Delay
VFFB high to PWRGD high
1.0
2.0
4.0
ms
Overvoltage Protection
OVP Threshold above VID
170
215
250
mV
Enable Input
Start Threshold
Gates switching, SS high
0.8
V
Stop Threshold
Gates not switching, SS low
0.4
V
Hysteresis
100
170
mV
Input Pull−Up Voltage
1.0 MW to GND
2.7
2.9
3.3
V
Input Pull−Up Resistance
7.0
10
20
kW
Error Amplifier
VFB Bias Current
0.1
1.0
mA
COMP Source Current
COMP = 0.5 V to 2.0 V
40
70
100
mA
COMP Sink Current
40
70
100
mA
Transconductance
(Note 2)
1.1
1.3
1.5
mmho
Open Loop DC Gain
(Note 2)
72
80
dB
Unity Gain Bandwidth
CCOMP = 30 pF (Note 2)
4.0
MHz
PSRR @ 1.0 kHz
(Note 2)
60
dB
COMP Max Voltage
VFB = 0 V
2.4
2.9
V
COMP Min Voltage
VFB = 1.6 V
80
150
mV
PWM Comparators
Minimum Pulse Width
Measured from CSxP to GATEx,
VFB = CSxN = 0.5, COMP = 0.5 V,
60 mV step between CSxP and CSxN;
Measure at GATEx = 1.0 V (Note 2)
40
100
ns
Transient Response Time
Measured from CSxN to GATEx,
COMP = 2.1 V, CSxP = CSxN = 0.5 V,
CSxN stepped from 1.2 V to 2.0 V (Note 2)
40
60
ns
Channel Startup Offset
CSxP = CSxN = VFB = 0, Measure Vcomp
when GATEx switch high
0.35
0.62
0.75
V
Artificial Ramp Amplitude
50% duty cycle
175
mV
MOSFET Driver Enable (DRVON)
Output High
DRVON floating
2.3
V
Output Low
I = 100 mA
0.2
V
Pull−Down Resistance
DRVON = 1.5 V, ENABLE = 0 V,
R = 1.5 V/I(DRVON)
35
70
140
kW
Source Current
DRVON = 1.5 V
0.5
3.0
6.5
mA
2. Guaranteed by design, not tested in production.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS5159CPU 5−Bit Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
CS5160CPU 5−Bit Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
CS5161CPU 5−Bit Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
CS5165A5−Bit Synchronous CPU Buck Controller 1 2 3 4 5 MoreON Semiconductor
NCP52103-in-1 PWM Dual Buck and Linear DDR Power Controller 1 2 3 4 5 MoreON Semiconductor
NCP5211Low Voltage Synchronous Buck Controller 1 2 3 4 5 MoreON Semiconductor
NCP52203−in−1 PWM Dual Buck and Linear Power Controller 1 2 3 4 5 MoreON Semiconductor
CS5302Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC 1 2 3 4 5 MoreON Semiconductor
NCP5306Three−Phase VRM 9.0 Buck Controller 1 2 3 4 5 MoreON Semiconductor
CS5303Three−Phase Buck Controller with Integrated Gate Drivers 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl