|
| NCP5318 |
|
||
|
ONSEMI |
|
4 page
NCP5318 http://onsemi.com 4 ELECTRICAL CHARACTERISTICS (0°C < TA < 70°C; VCC = 12 V; CGATEx = 100 pF, CCOMP = 0.01 mF, CSS = 0.1 mF, CVCC = 0.1 mF, RROSC = 95.3 kW, V(ILIM) = 1.0 V, DAC Code 010100; unless otherwise noted) VOLTAGE IDENTIFICATION (VID) Voltage Identification Bits (Connect VFB to COMP, measure COMP) Nominal Voltage (V) Min Typ Max Units VID4 VID3 VID2 VID1 VID0 VID5 −0.5% No Load +0.5% 0 1 0 1 0 0 0.8375 0.8144 0.8185 0.8226 V 0 1 0 0 1 1 0.8500 0.8268 0.8310 0.8352 V 0 1 0 0 1 0 0.8625 0.8393 0.8435 0.8477 V 0 1 0 0 0 1 0.8750 0.8517 0.8560 0.8603 V 0 1 0 0 0 0 0.8875 0.8642 0.8685 0.8728 V 0 0 1 1 1 1 0.9000 0.8766 0.8810 0.8854 V 0 0 1 1 1 0 0.9125 0.8890 0.8935 0.8980 V 0 0 1 1 0 1 0.9250 0.9015 0.9060 0.9105 V 0 0 1 1 0 0 0.9375 0.9139 0.9185 0.9231 V 0 0 1 0 1 1 0.9500 0.9263 0.9310 0.9357 V 0 0 1 0 1 0 0.9625 0.9388 0.9435 0.9482 V 0 0 1 0 0 1 0.9750 0.9512 0.9560 0.9608 V 0 0 1 0 0 0 0.9875 0.9637 0.9685 0.9733 V 0 0 0 1 1 1 1.0000 0.9761 0.9810 0.9859 V 0 0 0 1 1 0 1.0125 0.9885 0.9935 0.9985 V 0 0 0 1 0 1 1.0250 1.0010 1.0060 1.0110 V 0 0 0 1 0 0 1.0375 1.0134 1.0185 1.0236 V 0 0 0 0 1 1 1.0500 1.0258 1.0310 1.0362 V 0 0 0 0 1 0 1.0625 1.0383 1.0435 1.0487 V 0 0 0 0 0 1 1.0750 1.0507 1.0560 1.0613 V 0 0 0 0 0 0 1.0875 1.0632 1.0685 1.0738 V 1 1 1 1 1 1 OFF V 1 1 1 1 1 0 OFF V 1 1 1 1 0 1 1.1000 1.0756 1.0810 1.0864 V 1 1 1 1 0 0 1.1125 1.0880 1.0935 1.0990 V 1 1 1 0 1 1 1.1250 1.1005 1.1060 1.1115 V 1 1 1 0 1 0 1.1375 1.1129 1.1185 1.1241 V 1 1 1 0 0 1 1.1500 1.1253 1.1310 1.1367 V 1 1 1 0 0 0 1.1625 1.1378 1.1435 1.1492 V 1 1 0 1 1 1 1.1750 1.1502 1.1560 1.1618 V 1 1 0 1 1 0 1.1875 1.1627 1.1685 1.1743 V 1 1 0 1 0 1 1.2000 1.1751 1.1810 1.1869 V 1 1 0 1 0 0 1.2125 1.1875 1.1935 1.1995 V 1 1 0 0 1 1 1.2250 1.2000 1.2060 1.2120 V 1 1 0 0 1 0 1.2375 1.2124 1.2185 1.2246 V *VID Code is for reference only. †VOUT No Load is the input to the error amplifier. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS5159 | CPU 5−Bit Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5160 | CPU 5−Bit Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5161 | CPU 5−Bit Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5165A | 5−Bit Synchronous CPU Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| NCP5210 | 3-in-1 PWM Dual Buck and Linear DDR Power Controller | 1 2 3 4 5 More | ON Semiconductor |
| NCP5211 | Low Voltage Synchronous Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| NCP5220 | 3−in−1 PWM Dual Buck and Linear Power Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5302 | Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC | 1 2 3 4 5 More | ON Semiconductor |
| NCP5306 | Three−Phase VRM 9.0 Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS5303 | Three−Phase Buck Controller with Integrated Gate Drivers | 1 2 3 4 5 More | ON Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |