Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5603MNR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5603MNR2
Description  High Efficiency Charge Pump Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5603MNR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5603MNR2 Datasheet HTML 1Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 2Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 3Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 4Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 5Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 6Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 7Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 8Page - ON Semiconductor NCP5603MNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP5603
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin
Symbol
Type
Description
1
Vout
OUTPUT, PWR
This pin supplies the regulated voltage to the external LED. Since high current transients
are present in this pin, care must be observed to avoid voltage spikes in the system. Good
high frequency layout technique must be observed.
2
C1N
POWER
One side of the external charge pump capacitor (CFLY) is connected to this pin, associated
with C1P, pin 9. Using low ESR ceramic capacitor is recommended to optimize the Charge
Pump efficiency.
3
Vbat
POWER
This pin shall be connected to the power source, and must be decoupled to Ground by a
low ESR capacitor (2.2
mF/6.3 V ceramic or better (see Note 1)).
4
Fsel
INPUT, Digital
This pin is used to program the operating frequency:
Fsel = 0
→ Fop = 262 kHz
Fsel = 1
→ Fop = 650 kHz
5
Vsel
INPUT, Digital
This pin setup the output voltage:
Vsel = 0
→ Vout = 4.5 V
Vsel = 1
→ Vout = 5.0 V
6
EN/PWM
INPUT, Digital
This pin controls the activity of the NCP5603 chip:
EN/PWM = Low
→ the chip is deactivated, the load is disconnected
EN/PWM = High
→ the chip is activated and the load is connected to the
regulated output current.
The NCP5603 can operate either in a continuous mode (EN/PWM = High), or can be
controlled by a PWM pulse applied to EN/PWM to dim the output light. When EN/PWM is
Low, the external load is disconnected from the converter, providing a very low standby
current. The pull down built−in resistance makes sure the chip is deactivated even if the
EN/PWM pin is disconnected (see Note 2).
7
C2N
POWER
One side of the external charge pump capacitor (CFLY) is connected to this pin, associated
with C2P, pin 10. Using low ESR ceramic capacitor is recommended to optimize the
Charge Pump efficiency.
8
GND
GROUND
This pin combines the Signal ground and the Power ground and must be connected to the
system ground. Using good quality ground plane is mandatory to avoid spikes on the logic
signal lines.
9
C1P
POWER
One side of the external charge pump capacitor (CFLY) is connected to this pin, associated
with C1N, pin 2. Using low ESR ceramic capacitor is recommended to optimize the Charge
Pump efficiency.
10
C2P
POWER
One side of the external charge pump capacitor is connected to this pin, associated with
C2N, pin 7. Using low ESR ceramic capacitor is recommended to optimize the Charge
Pump efficiency.
1. Using ceramic 16 V working voltage capacitors is recommended to compensate the DC bias effect encountered with such type of capacitors.
2. Any external impedance connected to pin 6 shall be 10 k
W or higher.


Similar Part No. - NCP5603MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP5603MNR2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7820EUFD LINER-LTC7820EUFD Datasheet
528Kb / 10P
   High Efficiency, Charge Pump DC/DC Converter
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com