Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


NCP9001 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP9001
Description  1.5 MHz, 600 mA, High−Efficiency, Low Quiescent Current, Adjustable Output Voltage Step−Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 5 page
background image
NCP9001
http://onsemi.com
5
Figure 5. Quiescent Current vs. Supply Voltage
Figure 6. Quiescent Current vs. Temperature
Figure 7. Shutdown Current vs. Supply Voltage
Figure 8. Efficiency vs. Output Current
(VOUT = 1.8 V, VIN = 3.6 V)
Figure 9. Efficiency vs. Output Current
(VOUT = 0.9 V, VIN = 3.6 V)
Figure 10. Efficiency vs. Output Current
(VOUT = 3.3 V, VIN = 4.5 V)
0
IOUT, OUTPUT CURRENT (mA)
100
90
70
100
200
300
400
500
600
80
75
60
0
100
200
300
400
500
IOUT, OUTPUT CURRENT (mA)
50
VIN, INPUT VOLTAGE (V)
0
10
20
30
40
50
2.7
3.2
3.7
4.2
4.7
2.7
3.2
4.7
1.0
0.6
0.4
0.2
0
VIN, INPUT VOLTAGE (V)
3.7
600
EN = VIN
IOUT = 0 mA
5.2
5.7
TA = 25°C
100
80
70
90
60
70
80
90
100
TEMPERATURE (°C)
0
10
20
30
40
50
−40
−20
0
20
40
VIN = 5.5 V
60
100
60
70
80
90
100
VIN = 2.7 V
80
0.8
4.2
EN = VIN
IOUT = 0 mA
95
85
TA = 85°C
TA = −40°C
TA = 25°C
TA = 85°C
TA = −40°C
0
100
200
300
400
500
IOUT, OUTPUT CURRENT (mA)
600
100
80
70
90
TA = 25°C
TA = 85°C
TA = −40°C
85
75
95




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP15223.0 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP1595Current Mode PWM Converter for Low Voltage Outputs 1 2 3 4 5 MoreON Semiconductor
NCP400150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output 1 2 3 4 5 MoreON Semiconductor
NCP1508Up to 500 mA 1 MHz High Efficiency Synchronous Step−Down DC−DC Converter in DFN Package 1 2 3 4 5 MoreON Semiconductor
TPS3808G125Low Quiescent Current Programmable-Delay Supervisory Circuit 1 2 3 4 5 MoreTI store
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
NCS2540Triple 750 MHz Voltage Feedback Op Amp with Enable Feature 1 2 3 4 5 MoreON Semiconductor
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
NCP662100 mA CMOS Low Iq Low-Dropout Voltage Regulator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl